Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV14D391 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERZV14D391
Description  ZNR Transient/Surge Absorbers (Type D)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV14D391 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERZV14D391 Datasheet HTML 1Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 2Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 3Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 4Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 5Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 6Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 7Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 8Page - Panasonic Semiconductor ERZV14D391 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 7 –
Reference Guide to Standard Products
Part No.
Applicable
Standards
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
at 8/20μs
Maximum
Peak Current
at 8/20μs(A)
Recommended Applications
Type Name
Approvals
(V)
ACrms (V) DC (V) max.(V) Ip (A) 1 time 2 times
ERZV05D331
V331U
○☆
□◇
330
(297 to 363)
210
270
570
5
800
600
AC 100 V to 120 V, Line–Line
Applications
Telephone Line Applications,
(For DC 250 V Insulation
Resistance Test)
ERZV07D331
V7331U
○☆
□◇
545
10
1750
1250
ERZV09D331
V9331U
○☆
□◇
545
25
3500
2500
ERZV10D331 V10331U
○☆
□◇
545
25
3500
2500
ERZV14D331 V14331U ○◎☆★
□◇◆
545
50
6000
4500
ERZV20D331 V20331U ○◎☆★
□◇◆
545
100
10000
6500
ERZV05D361
V361U
○☆
□◇
360
(324 to 396)
230
300
620
5
800
600
ERZV07D361
V7361U
○☆
□◇
595
10
1750
1250
ERZV09D361
V9361U
○☆
□◇
595
25
3500
2500
ERZV10D361 V10361U
○☆
□◇
595
25
3500
2500
ERZV14D361 V14361U ○◎☆★
□◇◆
595
50
6000
4500
ERZV20D361 V20361U ○◎☆★
□◇◆
595
100
10000
6500
ERZV05D391
V391U
○☆
□◇
390
(351 to 429)
250
320
675
5
800
600
ERZV07D391
V7391U
○☆
□◇
650
10
1750
1250
ERZV09D391
V9391U
○☆
□◇
650
25
3500
2500
ERZV10D391 V10391U
○☆
□◇
650
25
3500
2500
ERZV14D391 V14391U ○◎☆★
□◇◆
650
50
6000
4500
ERZV20D391 V20391U ○◎☆★
□◇◆
650
100
10000
6500
ERZV05D431
V431U
○☆
□◇
430
(387 to 473)
275
350
745
5
800
600
AC 100 V to 220 V, Line–Line
and
Line–Ground Applications
ERZV07D431
V7431U
○☆
□◇
710
10
1750
1250
ERZV09D431
V9431U
○☆
□◇
710
25
3500
2500
ERZV10D431 V10431U
○☆
□◇
710
25
3500
2500
ERZV14D431 V14431U ○◎☆★
□◇◆
710
50
6000
4500
ERZV20D431 V20431U ○◎☆★
□◇◆
710
100
10000
6500
ERZV05D471
V471U
○☆
□◇
470
(423 to 517)
300
385
810
5
800
600
ERZV07D471
V7471U
○☆
□◇
775
10
1750
1250
ERZV09D471
V9471U
○☆
□◇
775
25
3500
2500
ERZV10D471 V10471U ○●☆★
□◇◆
775
25
3500
2500
ERZV14D471 V14471U ○◎☆★
□◇◆
775
50
6000
4500
ERZV20D471 V20471U ○◎☆★
□◇◆
775
100
10000
6500
ERZV07D511
V7511U
○☆
□◇
510
(459 to 561)
320
410
845
10
1750
1250
AC 100 to 240 V, Line–Line
and
Line–Ground Applications
ERZV09D511
V9511U
○☆
□◇
845
25
3500
2500
ERZV10D511 V10511U ○●☆★
□◇◆
845
25
3500
2500
ERZV14D511 V14511U ○◎☆★
□◇◆
845
50
6000
4500
ERZV20D511 V20511U ○◎☆★
□◇◆
845
100
10000
6500
ERZV10D561 V10561U ○●☆★
□◇◆
560
(504 to 616)
350
450
930
25
3500
2500
ERZV14D561 V14561U ○◎☆★
□◇◆
930
50
5000
4500
ERZV20D561 V20561U ○◎☆★
□◇◆
930
100
7500
6500
ERZV10D621 V10621U ○●☆★
□◇◆
620
(558 to 682)
385
505
1025
25
3500
2500
ERZV14D621 V14621U ○◎☆★
□◇◆
1025
50
5000
4500
ERZV20D621 V20621U ○◎☆★
□◇◆
1025
100
7500
6500
ERZV10D681 V10681U ○●☆★
□◇◆
680
(612 to 748)
420
560
1120
25
3500
2500
ERZV14D681 V14681U ○◎☆★
□◇◆
1120
50
5000
4500
ERZV20D681 V20681U ○◎☆★
□◇◆
1120
100
7500
6500
✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA
○ : UL1449 (VZCA2/UL, VZCA8/C-UL), ● : UL1449 Type3 (or Code-Connected and Direct plug-in), ◎ : UL1449 Type2 (or Permanently Connected),
☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q),
□ : CSA C22.2 No.1
◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898)
※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No.
Aug. 2013
02


Similar Part No. - ERZV14D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZV14D391 PANASONIC-ERZV14D391 Datasheet
421Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV14D391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V14D471 PANASONIC-ERZ-V14D471 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V14D821 PANASONIC-ERZ-V14D821 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-VGAD621 PANASONIC-ERZ-VGAD621 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-V10D821 PANASONIC-ERZ-V10D821 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ZNR PANASONIC-ZNR Datasheet
410Kb / 23P
   ZNR Transient/Surge Absorbers (Type D)
03 Jan. 2015
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com