Electronic Components Datasheet Search |
|
PSSBU58-105 Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
PSSBU58-105 Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 2 page Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 PSSBU58 Series 2 Pin Input Connector 60 Watt, Single Output AC/DC Open Frame Power Supply Rev A FEATURES ● Single Output ● RoHS Compliant ● Class I Insulation ● Internal EMI Filter ● 2-Pin Input Connector ● Output Voltage Available from 5VDC to 48VDC ● Wide Input Voltage Range: 90~264VAC, 47~63Hz ● Input Surge Current, Over Voltage, and Over Load Protection DESCRIPTION The PSSBU58 series of AC/DC switching mode power supplies provides 60 Watts of continuous output power in an open frame constructed design. This series has single output supplies with a universal input range of 90~264VAC. These units are ideally suited for use in portable equipment as well as many other applications. All models meet CISPR-22 class B emission limits and comply with new CE requirements. All models are input surge current, output voltage, and over load protected. All units are also 100% burn-in tested. SPECIFICATIONS: PSSBU58 Series All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION TEST CONDITIONS Min Nom Max Unit INPUT (Vin) Operating Voltage Range 90 264 VAC Input Frequency 47 63 Hz Input Current (Low Line) Io = Full Load, Vin = 115VAC 1.2 A Input Current (High Line) Io = Full Load, Vin = 230VAC 0.6 A Inrush Current (Low Line) Io = Full Load, 25°C, Cool Start, Vin = 115VAC 12 15 A Inrush Current (High Line) Io = Full Load, 25°C, Cool Start, Vin = 230VAC 26 30 A Safety Ground Leakage Current Io = Full Load, Vin = 240VAC 0.4 0.75 mA Start-Up Time Io = Full Load, Vin = 100VAC 0.3 1 2 s OUTPUT (Vo) Output Voltage Range See Rating Chart Load Regulation Vin = 230VAC 3 5 % Line Regulation Io = Full Load 0.5 1 % Output Power Vin = 90 to 264VAC 0 60 W Output Current Range See Rating Chart Ripple & Noise (peak to peak) Full Load, Vin = 90VAC 0.5 1 % Transient Response Time Io = Full Load to Half Load, Vin = 100VAC 4 ms Hold-Up Time Io = Full Load, Vin = 110VAC 12 ms PROTECTION Over Voltage Protection 112 132 % Over Current Protection 110 150 % GENERAL Efficiency Io = Full Load, Vin = 230VAC 80 90 % Dielectric Withstanding Voltage For Primary to Secondary Primary to Secondary 4242 VDC Dielectric Withstanding Voltage For Primary to Ground Primary to Ground 2121 VDC Isolation Resistance Test Voltage = 500VDC 50 MΩ No Load Power Consumption No Load, Vin = 240VAC 0.1 0.5 W ENVIRONMENTAL Operating Temperature Derate linearly from 100% Load at 40°C to 50% load at 70°C 0 +70 °C Storage Temperature -40 +85 °C Relative Humidity 5 95 % Temperature Coefficient All Outputs -0.04 +0.04 %/°C MTBF Operating temperature at 25°C, calculated per MIL-HDBK-217F 100,000 hours PHYSICAL Weight Approximately 140 grams Dimensions 4.00(L) x 2.00(W) x 1.00(H) inches 101.6(L) x 50.8(W) x 25.4(H) mm SAFETY EMI Requirements for CISPR-22 Vin = 220VAC B Class EMI Requirements for FCC PART-15 Vin = 110VAC B Class |
Similar Part No. - PSSBU58-105 |
|
Similar Description - PSSBU58-105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |