Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSCT Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSSCT
Description  AC/DC Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSCT Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSSCT Datasheet HTML 1Page - Wall Industries,Inc. PSSCT Datasheet HTML 2Page - Wall Industries,Inc. PSSCT Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. A
PSSCT Series
Triple Output
60W, Open Frame
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/15/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MECHANICAL DRAWINGS
Ø 4.0 x4
CON4
CON3
CON2
CON1
VR1
CON.4 DC OUTPUT PIN ASSIGNMENTS:
+12V
-12V
-15V
-5V
-12V
-12V
PIN 6
PSSCT66
PSSCT67
PSSCT64
PSSCT65
PSSCT63
PSSCT62
PIN1 +V1
PIN2 +V2
PIN3 +V2
PIN4 GND
PIN5 GND
PIN6 V3
+12V
+24V
+24V
+15V
+12V
+12V
PIN 1
+5V
+5V
+5V
+5V
+5V
+5V
PIN 2,3
DC OUTPUT
CON4
ALL OTHER MODELS PIN ASSIGNMENTS:
CON3
CON2
CON1
AC INPUT -N
+5V -SENSE
GND
+5V +SENSE
AC INPUT -L
PIN3
PIN2
PIN1
PIN1
PIN2
N.C
MODEL NO.
+V1
+V2
V3
PIN1 +5V
PIN2 +3.3V
PIN3 +3.3V
PIN4 GND
PIN5 GND
PIN6 +12V
CON3
CX1
CON2
C1
VR1
CON4
CON1
PIN1
+5V +SENSE
CON3
+5V -SENSE
PIN2
CON4
DC OUTPUT
PIN1
PIN2
PSSCT601 PIN ASSIGNMENTS:
CON1
CON2
AC INPUT -L
AC INPUT -N
GND
PIN2
N.C
0.06
(1.6)
0.23 (5.85)
0.22
(5.6)
Ø 4.0x4
0.23 (5.85)
5.0 (127)
4.56 (115.8)
0.22
(5.6)
5.0 (127)
4.56 (115.8)
0.22
(5.6)
0.22
(5.6)
0.06
(1.6)
0.23 (5.85)
PSSCT601 MODEL
Unit: inches (mm)
Unit: inches (mm)
ALL OTHER MODELS
MATCHING CONNECTORS
AC INPUT CON 1 = MOLEX P/N: 09-65-2029 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-76-1020 (OR EQUIVALENT)
DC OUTPUT CON 4 = MOLEX P/N: 09-65-2068 (OR EQUIVALENT)
FEMALE HOUSING MOLEX P/N: 09-52-4064 (OR EQUIVALENT)
REMOTE SENSE CON 3 = MOLEX P/N: 22-27-2021 (OR EQUIVALENT) FEMALE HOUSING MOLEX P/N: 22-01-2025 (OR EQUIVALENT)


Similar Part No. - PSSCT

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
   9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
   Custom Substrates - Conductor Resistor Pattern and Overcoat
01-Jan-2022
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
   Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
   GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
   100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSCT

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com