Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSBU100-104 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSSBU100-104
Description  AC/DC Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSBU100-104 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSSBU100-104 Datasheet HTML 1Page - Wall Industries,Inc. PSSBU100-104 Datasheet HTML 2Page - Wall Industries,Inc. PSSBU100-104 Datasheet HTML 3Page - Wall Industries,Inc. PSSBU100-104 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. B
PSSBU100 Series
Single Outputs, Active PFC
Up to 100 Watts, Open Frame
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/30/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 4
MECHANICAL DRAWING
M3XP0.5 (MOUNTING HOLES) X 2
1.57±0.02 (40.0±0.5)
0.80±0.02
(20.3±0.5)
Ø0.16 (Ø4.0) MOUNTING HOLES X 4
5.00±0.02 (127.0±0.5)
4.55±0.02 (115.6±0.5)
0.22±0.02 (5.7±0.5)
1.18±0.02 (30.0±0.5)
0.12 (3.0)
DC OUTPUT
30.8±0.5
(1.21±0.02)
0.80±0.02
(20.3±0.5)
M3XP0.5 (MOUNTING HOLES) X 2
AC INPUT
Unit: inches (mm)
P2
1
13
P1
L
N
G
PIN CONNECTIONS
Pin
Assignment
1
OUT
2
OUT
3
OUT
4
OUT
5
OUT
6
OUT
7
RTN
8
RTN
9
RTN
10
RTN
11
RTN
12
RTN
13
N/C
NOTES
1. Input connector mates with Molex housing 09-50-3051
and Molex 2478 series crimp terminal
2. Output Connector mates with Molex housing 09-50-3131
and Molex 2478 series crimp terminal
3. Weight: Approx 12.2oz (345g)
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will
provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one
example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its
customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for
your project above and beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - PSSBU100-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSBU120 WALL-PSSBU120 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-101 WALL-PSSBU120-101 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-102 WALL-PSSBU120-102 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-103 WALL-PSSBU120-103 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
PSSBU120-104 WALL-PSSBU120-104 Datasheet
115Kb / 3P
   AC/DC Switching Power Supply for I.T.E.
More results

Similar Description - PSSBU100-104

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
   AC/DC Open Frame Power Supplies
logo
MicroPower Direct, LLC
MPO-40D MPD-MPO-40D Datasheet
395Kb / 2P
   Open Frame AC-DC Power Supplies
logo
Wall Industries,Inc.
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
   AC/DC Open Frame Power Supplies
PSMBU152 WALL-PSMBU152 Datasheet
410Kb / 3P
   AC/DC Open Frame Power Supplies
PSZLF100 WALL-PSZLF100 Datasheet
258Kb / 4P
   AC/DC Open Frame LED Power Supplies
PSZLF75 WALL-PSZLF75 Datasheet
262Kb / 4P
   AC/DC Open Frame LED Power Supplies
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com