Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3944J7-HF Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF3944J7-HF
Description  Advanced MOSFET process technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF3944J7-HF Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF3944J7-HF Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF3944J7-HF Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
                                                    
SSF3944J7-HF 
©Silikron Semiconductor CO., LTD.
2014.10.13
Version: 1.0
page 2 of 7
www.silikron.com
 
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
2
/W
RθJA
Junction-to-ambient (t ≤ 10s)
50
/W
Electrical Characterizes@TA=25℃unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
30
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
1.6
2.4
mΩ
VGS=10V,ID = 30A
2.1
3.2
VGS=4.5V,ID = 25A
RDS(on)
Static Drain-to-Source on-resistance
4
5
mΩ
VGS=4.5V,ID = 16A
5
TJ = 125℃
VGS(th)
Gate threshold voltage
1
1.7
3
V
VDS = VGS, ID = 250μA
1.17
TJ = 125℃
IDSS
Drain-to-Source leakage current
1
μA
VDS = 24V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
 
 
100
nA
VGS =20V
 
 
-100
VGS = -20V
Qg
Total gate charge
 
80
nC
VDS=15V,
ID=30A,
VGS=10V
Qgs
Gate-to-Source charge
 
19
Qgd
Gate-to-Drain("Miller") charge
 
38
td(on)
Turn-on delay time
 
20
ns
VGS=10V, VDS=15V,
RGEN=1Ω, ID=1A
tr
Rise time
 
36
td(off)
Turn-Off delay time
 
80
tf
Fall time
 
33
Ciss
Input capacitance
 
7032
pF
VGS = 0V
VDS = 15V
ƒ = 1MHz
Coss
Output capacitance
 
898
Crss
Reverse transfer capacitance
 
743
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
150
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
340
A
V
SD
Diode Forward Voltage
0.85
1.3
V
IS=50A, VGS=0V
trr
Reverse Recovery Time
35
ns
TJ = 25°C, IF =1A,
di/dt = 100A/μs
Qrr
Reverse Recovery Charge
15
nC


Similar Part No. - SSF3944J7-HF

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3904A SILIKRON-SSF3904A Datasheet
537Kb / 8P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
More results

Similar Description - SSF3944J7-HF

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com