Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

172159-0604 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 172159-0604
Description  3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

172159-0604 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  172159-0604 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
172159-0604
Status:
Active
Overview:
EdgeMate™ Wire-to-Edge-Card Power Connector
Description:
3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
Positive Lock, 4 Circuits
Documents:
3D Model
Packaging Specification PK-172159-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-172160-0001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
172159
Application
Power, Wire-to-Edge Card
Comments
Current = 7A max. per circu...
Overview
EdgeMate™ Wire-to-Edge-Card Power Connector
Product Name
EdgeMate™
UPC
887191745923
Physical
Circuits (maximum)
4
Color - Resin
White
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
1.980/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Polarized to Mating Part
Polarizing Ribs
Stackable
No
Temperature Range - Operating
0°C to +75°C
Electrical
Current - Maximum per Contact
7A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-172159-0001
Product Specification
PS-172160-0001
Sales Drawing
SD-172159-0002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
172159Series
Mates With
Edge Card PCB
Use With
172160
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 172159-0604

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172159-0605 MOLEX11-172159-0605 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0606 MOLEX11-172159-0606 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0607 MOLEX11-172159-0607 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0608 MOLEX11-172159-0608 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0609 MOLEX11-172159-0609 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
More results

Similar Description - 172159-0604

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172159-0606 MOLEX11-172159-0606 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0607 MOLEX11-172159-0607 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0611 MOLEX11-172159-0611 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0608 MOLEX11-172159-0608 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0609 MOLEX11-172159-0609 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0610 MOLEX11-172159-0610 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0612 MOLEX11-172159-0612 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0503 MOLEX11-172159-0503 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0502 MOLEX11-172159-0502 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
172159-0605 MOLEX11-172159-0605 Datasheet
76Kb / 1P
   3.96mm Pitch EdgeMate Crimp Housing, Female, Nylon 6/6, White, UL94-V2, with
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com