Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5508A Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5508A
Description  Advanced trench MOSFET process technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5508A Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF5508A Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5508A Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5508A Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5508A Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5508A Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF5508A Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSF5508A
©Silikron Semiconductor CO.,LTD.
2011.01.12
Version : 3.6
page
3of 6
www.silikron.com
Typical electrical and thermal characteristics
Figure 1: Typical Output Characteristics
Figure 2: Typical Transfer Characteristics
Figure 3: On-Resistance vs. Drain Current and
Figure 4: On-Resistance vs. Junction Temperature
Gate Voltage
Figure 5: On-Resistance vs. Gate-Source Voltage
Figure 6: Body-Diode Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VDS,drain to source voltage(V)
10V
7V
6V
3.5V
4V
4.5V
5V
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
VGS,gate to source voltage(V)
125℃
25℃
VDS=VGS
3
4
5
6
0
5
10
15
20
25
30
ID,drain current(A)
VGS=7V
VGS=10V
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
25
50
75
100
125
150
175
200
Tj,Junction Temperature(°C)
VGS=10V
ID=20A
VGS=7V
ID=20A
0
5
10
15
20
25
2
3
4
5
6
7
8
9
10
VGS,gate to source voltage(V)
125℃
25℃
ID=20A
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1 1.2
VSD,source to drain voltage(V)
125℃
25℃


Similar Part No. - SSF5508A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
More results

Similar Description - SSF5508A

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com