Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF6014D Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6014D
Description  Advanced trench MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6014D Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSF6014D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF6014D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SSF6014D
©Silikron Semiconductor CO.,LTD.
2012.02.25
Version : 2.2
page 6 of 8
www.silikron.com
Mechanical Data:
Min
Nom
Max
Min
Nom
Max
A
2.200
2.300
2.380
0.087
0.091
0.094
A1
0.910
1.010
1.110
0.036
0.040
0.044
B
0.710
0.760
0.810
0.028
0.030
0.032
B1
5.130
5.330
5.460
0.202
0.210
0.215
C
0.460
0.510
0.560
0.018
0.020
0.022
D
6.000
6.100
6.200
0.236
0.240
0.244
D1
D2
E
6.500
6.600
6.700
0.256
0.260
0.264
E1
e
2.186
2.286
2.386
0.086
0.090
0.094
H
9.800
10.100
10.400
0.386
0.398
0.409
F
1.400
1.500
1.700
0.055
0.059
0.067
K
V2
5.350 (REF)
2.900 (REF)
1.600 (REF)
8
0 (REF)
8
0 (REF)
0.063 (REF)
0.211 (REF)
0.114 (REF)
Symbol
Dimension In Millimeters
Dimension In Inches
4.83 (REF)
0.190 (REF)
DPAK PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF6014D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF6014D GOOD-ARK-SSF6014D Datasheet
1Mb / 7P
   60V N-Channel MOSFET
SSF6014D GOOD-ARK-SSF6014D_15 Datasheet
1Mb / 7P
   60V N-Channel MOSFET
More results

Similar Description - SSF6014D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com