Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSWWH2E3E1E Datasheet(PDF) 2 Page - OptoSupply International

Part # OSWWH2E3E1E
Description  Xeon Power Pure Whiite HV AC LED 3W 50V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSWWH2E3E1E Datasheet(HTML) 2 Page - OptoSupply International

  OSWWH2E3E1E Datasheet HTML 1Page - OptoSupply International OSWWH2E3E1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
X
Xe
eo
on
n P
Po
ow
we
er
r P
Pu
ur
re
e W
Wh
hiitte
e H
HV
V A
AC
C L
LE
ED
D
3
3W
W 5
50
0V
V
OSWWH2E3E1E
VER.A.2
■ Handling of Silicone Lens LEDs
Notes for handling of silicone lens LEDs
● Please do not use a force of over 3kgf impact or pressure on the silicone lens, otherwise it will cause a catastrophic
failure.
● The LEDs should only be picked up by making contact with the sides of the LED body.
● Avoid touching the silicone lens especially by sharp tools such as Tweezers.
● Avoid leaving fingerprints on the silicone lens.
● Please store the LEDs away from dusty areas or seal the product against dust.
● When populating boards in SMT production, there are basically no restrictions regarding the form of the pick and
place nozzle, except that mechanical pressure on the silicone lens must be prevented.
● Please do not mold over the silicone lens with another resin. (epoxy, urethane, etc)
LED & Application Technologies


Similar Part No. - OSWWH2E3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   Highest Luminous Flux
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   xeon power pure white hv ac led 3w 50v
More results

Similar Description - OSWWH2E3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSWW72E3E1E OPTOSUPPLY-OSWW72E3E1E Datasheet
175Kb / 2P
   Xeon Power Pure Whiite HV AC LED 3W 70V
OSWWH2E3E1E_VER.A.2 OPTOSUPPLY-OSWWH2E3E1E_VER.A.2 Datasheet
175Kb / 2P
   xeon power pure white hv ac led 3w 50v
OSW4HZE3E1E OPTOSUPPLY-OSW4HZE3E1E Datasheet
129Kb / 1P
   Xeon Power Pure Whiite HV DC LED 1.5W 50V
OSMM72E3E1E OPTOSUPPLY-OSMM72E3E1E Datasheet
175Kb / 2P
   Xeon Power Warm Whiite HV AC LED 3W 70V
OSWW72E3E1EVER.1 OPTOSUPPLY-OSWW72E3E1EVER.1 Datasheet
175Kb / 2P
   xeon power pure white hv ac led 3w 70v
OSWWX2E3E1E OPTOSUPPLY-OSWWX2E3E1E Datasheet
168Kb / 2P
   Xeon 3 Power Pure Whiite AC LED
OSW4XNE1E1E OPTOSUPPLY-OSW4XNE1E1E Datasheet
146Kb / 2P
   Xeon 1 Power Pure Whiite LED
OSW4X9H891E OPTOSUPPLY-OSW4X9H891E Datasheet
540Kb / 3P
   Tops 3 3W Power Pure Whiite LED
OSMM72E3E1EVER.1 OPTOSUPPLY-OSMM72E3E1EVER.1 Datasheet
175Kb / 2P
   xeon power warm white hv ac led 3w 70v
OS5M7NE1E1E OPTOSUPPLY-OS5M7NE1E1E Datasheet
144Kb / 2P
   Xeon Power Warm Whiite LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com