Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSXX1608C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXX1608C1A
Description  1..6 x 0..8 x 0..4mm SMD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXX1608C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSXX1608C1A Datasheet HTML 1Page - OptoSupply International OSXX1608C1A Datasheet HTML 2Page - OptoSupply International OSXX1608C1A Datasheet HTML 3Page - OptoSupply International OSXX1608C1A Datasheet HTML 4Page - OptoSupply International OSXX1608C1A Datasheet HTML 5Page - OptoSupply International OSXX1608C1A Datasheet HTML 6Page - OptoSupply International OSXX1608C1A Datasheet HTML 7Page - OptoSupply International OSXX1608C1A Datasheet HTML 8Page - OptoSupply International OSXX1608C1A Datasheet HTML 9Page - OptoSupply International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
http://www.optosupply.com
VER A.5
1
1..6
6 x
x 0
0..8
8 x
x 0
0..4
4m
mm
m S
SM
MD
D
OSXX1608C1A
Ver.A.5
Features
Outline Dimension
Single chip
Super high brightness of surface mount LED
Sorting for Iv and Vf @ 5mA of If
Compact package outline
(LxWxT) of 1.6mm x 0.8mm x 0.4mm
Compatible to IR reflow soldering.
Applications
Backlighting (switches, keys, etc.)
Marker lights (e.g. steps, exit ways, etc.)
Recommended Solder Pad
Top
Side
Bottom
Anode
Cathode
Tolerance:±0.1mm
Unit: mm
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Value
Item
Symbo
l
WT/BL
YG/YL/OR/HR
Unit
DC Forward Current
IF
30
30
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
100
70
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
VF (V)
IR(µA)
Iv(mcd)
λD(nm)
2θ1/2(deg)
Min.
Typ.
Max.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=5mA
VR=5V
IF=5mA
OSWT1608C1A
White
WT
2.7
2.9
3.2
100
37
74
110
X=0.27, Y=0.28
120
OSBL1608C1A
Blue
BL
2.6
2.9
3.2
100
9
23
37
465
470
475
120
OSYG1608C1A
Yellow green YG
1.7
1.9
2.2
100
6
11
16
565
570
575
120
OSYL1608C1A
Yellow
YL
1.7
1.9
2.2
100
27
40
71
586
590
592
120
OSOR1608C1A
Orange
OR
1.7
1.9
2.2
100
18
35
60
600
605
610
120
OSHR1608C1A
Red
HR
1.7
1.9
2.2
100
18
35
60
620
625
630
120
Note: * Vf tolerance: ±0.05V
* Dominant wavelength tolerance: ±1nm
* Luminous intensity is NIST reading. Luminous intensity tolerance:±10%
LED & Application Technologies


Similar Part No. - OSXX1608C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX1608C1A-W25 OPTOSUPPLY-OSXX1608C1A-W25 Datasheet
117Kb / 1P
   CHIP LED WITH WIRE
OSXX1608C1AVER.A.5 OPTOSUPPLY-OSXX1608C1AVER.A.5 Datasheet
624Kb / 14P
   1.6x0.8x0.4mm smd
OSXX1608C1AW25VER.0 OPTOSUPPLY-OSXX1608C1AW25VER.0 Datasheet
117Kb / 1P
   chip led with wire
More results

Similar Description - OSXX1608C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXX0603C1E OPTOSUPPLY-OSXX0603C1E Datasheet
449Kb / 7P
   1..6 x 0..8 x 0..6mm SMD
OSTG1608C1A OPTOSUPPLY-OSTG1608C1A Datasheet
511Kb / 9P
   1..6 x 0.8 x 0..4mm Pure Green SMD
OST10807C1E-C OPTOSUPPLY-OST10807C1E-C Datasheet
193Kb / 3P
   2..0 x 1..8 x 0..8mm Fullll Collor Fastt Fllashiing RGB SMD
logo
Panasonic Semiconductor
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
logo
Hubbell Incorporated.
VAULH1012 HUBBELL-VAULH1012 Datasheet
377Kb / 2P
   Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
VAULH1012BN HUBBELL-VAULH1012BN Datasheet
377Kb / 2P
   Aluminum Compression Terminal for 1/0 AL/CU, 1/0 6/1 ACSR, 1/0 - 2/0 COMPACT
logo
Schneider Electric
TM5SPDG6D6F SCHNEIDER-TM5SPDG6D6F Datasheet
138Kb / 5P
   common distribution module - 6 x 0 V DC - 6 x 24 V DC
Aug 11, 2019
TM5SPDG6D6F SCHNEIDER-TM5SPDG6D6F_V01 Datasheet
278Kb / 6P
   Power distribution module, Modicon TM5, common 6 x 0 V DC, 6 x 24 V DC
Apr 6, 2022
logo
Sharp Corporation
LZ9GF16 SHARP-LZ9GF16 Datasheet
1Mb / 22P
   LZ 9 G Series 1 6 0 0 Gates Gate Array
logo
Schneider Electric
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
   legend - 30 x 40 mm - red - 0
Mar 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com