Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL5520C Datasheet(PDF) 4 Page - NEC

Part # NDL5520C
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5520C Datasheet(HTML) 4 Page - NEC

  NDL5520C Datasheet HTML 1Page - NEC NDL5520C Datasheet HTML 2Page - NEC NDL5520C Datasheet HTML 3Page - NEC NDL5520C Datasheet HTML 4Page - NEC NDL5520C Datasheet HTML 5Page - NEC NDL5520C Datasheet HTML 6Page - NEC NDL5520C Datasheet HTML 7Page - NEC NDL5520C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL5551P Series
TEMPERATURE DEPENDENCE OF DARK
CURRENT and MULTIPLIED DARK CURRENT
0
–60
–40
40
80
100
Operating Case Temperature TC (˚C)
20
λ = 1 300 nm
ID @ VR = 0.9 V(BR)R
IDM
10–6
10–7
10–9
10–8
10–10
10–11
60
–20
FREQUENCY RESPONSE
0
Frequency f (GHz)
λ = 1 300 nm
RL = 50
M = 8
TC = 25 ˚C
1.0
2.0
3.0
4.0
5.0
CUT-OFF FREQUENCY vs.
MULTIPLICATION FACTOR
1
100
0.1
1
10
Multiplication Factor M
10
TC = 25 ˚C
TERMINAL CAPACITANCE vs.
REVERSE VOLTAGE
5
1
2
20
50
100
0.1
0.2
0.5
1
2
Reverse Voltage VR (V)
10
EXCESS NOISE FACTOR vs.
MULTIPLICATION FACTOR
1 300 nm ( ), 1 550 nm ( )
f = 35 MHz, B = 1 MHz
5
1
2
20
50
100
1
2
5
10
50
100
Multiplication Factor M
10
20
0.5
0.4


Similar Part No. - NDL5520C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5520C NEC-NDL5520C Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5520C NEC-NDL5520C Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5520C NEC-NDL5520C Datasheet
68Kb / 8P
   1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
NDL5520C NEC-NDL5520C Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5520C RENESAS-NDL5520C Datasheet
400Kb / 8P
   PHOTO DIODE
1992
More results

Similar Description - NDL5520C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
logo
California Eastern Labs
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5521P CEL-NDL5521P Datasheet
33Kb / 3P
   2.5 Gb/s OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE WITH MMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com