Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-RRG381C1100 Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-RRG381C1100
Description  Silver Plated Copper
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-RRG381C1100 Datasheet(HTML) 1 Page - E-SWITCH

  38-RRG381C1100 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RRG381C1100
4/25/2012
38-RRG381C1100
A
1
1
PANEL MOUNTING
1
2
2
A
20562
New Release
4/25/12
rc
NOTE:
1. DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. CONTACT RATING: 16A @ 125VAC (UL, cUL)
10A @ 250VAC (UL, cUL)
1/3HP 125/250VAC (UL,cUL)
10(4)A 250VAC, 1E4 T125/55 (VDE)
6. CONTACT RESISTANCE: 35mΩ MAX. @ 50VAC
7. INSULATION RESISTANCE: 1000MΩ MIN. @ 500VAC
8. DIELECTRIC STRENGTH: 1,500VAC FOR 1 MINUTE
9. ELECTRICAL LIFE: 6,000 CYCLES [UR, cUR, NOM]
10,000 CYCLES [ENEC14, SEMKO]
10. OPERATING TEMPERATURE: -20°C TO 105°C [UR, cUR, NOM]
-20°C TO 125°C [ENEC14, SEMKO]
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
n23.00
[.906 in]
14.60
[.575 in]
22.80
[.898 in]
.80
[.031 in]
7.10
[.280 in]
4.80
[.189 in]
n2.10
[.083 in]
8.20
[.323 in]
21.20
[.835 in]
19.80
[.780 in]
2.00
[.079 in]
5.80
[.228 in]
20.20
[.795 in]
21.40
[.843 in]
1.20
[.047 in]
4.20
[.165 in]
n20.00
[.787 in]
CIRCUIT: SPST
21
ACTUATOR COLOR
BLACK
HOUSING COLOR
BLACK


Similar Part No. - 38-RRG381C1100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RRG381C1121 E-SWITCH-38-RRG381C1121 Datasheet
166Kb / 1P
   DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-RRG381C1100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-ST34TE00 E-SWITCH-34-ST34TE00 Datasheet
70Kb / 1P
   silver plated Copper
34-ST222D00 E-SWITCH-34-ST222D00 Datasheet
65Kb / 1P
   Silver Plated Copper
14-RSC241D1A00 E-SWITCH-14-RSC241D1A00 Datasheet
82Kb / 1P
   Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
   Silver Plated Copper
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
   Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
   Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
   Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
   Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
   Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
   Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
   Silver Plated Copper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com