Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC244SJX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC244SJX
Description  Octal 3-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC244SJX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC244SJX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 6Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 7Page - Fairchild Semiconductor MM74HC244SJX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC
5V, TA 25qC, tr tf 6 ns
AC Electrical Characteristics
VCC
2.0V-6.0V, CL 50 pF, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2f  I
CC VCC, and the no load dynamic current consumption,
IS CPD VCCf  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation
CL 45 pF
14
20
ns
Delay
tPZH, tPZL
Maximum Enable Delay
RL 1 k:
17
28
ns
to Active Output
CL 45 pF
tPHZ, tPLZ
Maximum Disable Delay
RL 1 k:
15
25
ns
from Active Output
CL 5 pF
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qC TA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
CL 50 pF
2.0V
58
115
145
171
ns
Delay
CL 150 pF
2.0V
83
165
208
246
ns
CL 50 pF
4.5V
14
23
29
34
ns
CL 150 pF
4.5V
17
33
42
49
ns
CL 50 pF
6.0V
10
20
25
29
ns
CL 150 pF
6.0V
14
28
35
42
ns
tPZH, tPZL Maximum Output Enable
RL 1 k:
Time
CL 50 pF
2.0V
75
150
189
224
ns
CL 150 pF
2.0V
100
200
252
298
ns
CL 50 pF
4.5V
15
30
38
45
ns
CL 150 pF
4.5V
30
40
50
60
ns
CL 50 pF
6.0V
13
26
32
38
ns
CL 150 pF
6.0V
17
34
43
51
ns
tPHZ, tPLZ Maximum Output Disable
RL 1 k:
2.0V
75
150
189
224
ns
Time
CL 50 pF
4.5V
15
30
38
45
ns
6.0V
13
26
32
38
ns
tTLH, tTHL Maximum Output
2.0V
60
75
90
ns
Rise and Fall Time
4.5V
12
15
18
ns
6.0V
10
13
15
ns
CPD
Power Dissipation
(per buffer)
Capacitance (Note 5)
G
VIH
12
pF
G
VIL
50
pF
CIN
Maximum Input
5
10
10
10
pF
Capacitance
COUT
Maximum Output
10
20
20
20
pF
Capacitance


Similar Part No. - MM74HC244SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC244SJ FAIRCHILD-MM74HC244SJ Datasheet
92Kb / 8P
   Octal 3-STATE Buffer
MM74HC244SJ FAIRCHILD-MM74HC244SJ Datasheet
106Kb / 8P
   Octal 3-STATE Buffer
MM74HC244SJ FAIRCHILD-MM74HC244SJ Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC244SJ ONSEMI-MM74HC244SJ Datasheet
212Kb / 10P
   Octal 3-STATE Buffer
Revised May 2005
More results

Similar Description - MM74HC244SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com