Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5156YN Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5156YN
Description  Super LDO Regulator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5156YN Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5156YN Datasheet HTML 3Page - Micrel Semiconductor MIC5156YN Datasheet HTML 4Page - Micrel Semiconductor MIC5156YN Datasheet HTML 5Page - Micrel Semiconductor MIC5156YN Datasheet HTML 6Page - Micrel Semiconductor MIC5156YN Datasheet HTML 7Page - Micrel Semiconductor MIC5156YN Datasheet HTML 8Page - Micrel Semiconductor MIC5156YN Datasheet HTML 9Page - Micrel Semiconductor MIC5156YN Datasheet HTML 10Page - Micrel Semiconductor MIC5156YN Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
August 2005
7
MIC5156/5157/5158
MIC5156/5157/5158
Micrel, Inc.
Functional Description
A Super LDO Regulator is a complete regulator built around
Micrel’s Super LDO Regulator Controller.
Refer to Block Diagrams MIC5156, MIC5157, and
MIC5158.
Version Differences
The MIC5156 requires an external voltage for MOSFET gate
drive and is available in 3.3V fixed output, 5V fixed output, or
adjustable output versions. With 8-pins, the MIC5156 is the
smallest of the Super LDO Regulator Controllers.
The MIC5157 and MIC5158 each have an internal charge
pump which provides MOSFET gate drive voltage. The
MIC5157 has a selectable fixed output of 3.3V, 5V, or 12V.
The MIC5158 may be configured for a fixed 5V or adjustable
output.
Enable (EN)
With at least 3.0V on VDD, applying a TTL low to EN places
the controller in shutdown mode. A TTL high on EN enables
the internal bias circuit which powers all internal circuitry. EN
must be pulled high if unused. The voltage applied to EN may
be as high as 36V.
The controller draws less than 1µA in shutdown mode.
Gate Enhancement
The Super LDO Regulator Controller manages the gate-
1.235V
Bandgap
Reference
VCP
Clamp
Internal
Bias
Error
Amp
75mV
35mV
EA
S (Source)
ILIMIT
Comparator
D (Drain)
[ ILIMIT]
G (Gate)
VCP
VDD
VOUT
Comparator
to all
internal blocks
GND
Regulated
+3.6V Output
+5V Input
Q1
IRFZ44
RS
3mΩ
1µF
16.6V
32k
10k
5V
FB
Oscillator
Charge Pump
Tripler
C1+ C1– C2+ C2–
0.1µF
0.1µF
C1
C2
C3
FLAG
19.1k
10.0k
EN
Enable
Shutdown
CL
Block Diagram MIC5158
Block Diagram with External Components
Adjustable Power Supply, 3.6V Configuration
to-source enhancement voltage for an external N-channel
MOSFET(regulatorpasselement)placedbetweenthesupply
and the load. The gate-to-source voltage may vary from 1V
to 16V depending upon the supply and load conditions.
Because the source voltage (output) approaches the drain
voltage (input) when the regulator is in dropout and the
MOSFET is fully enhanced, an additional higher supply
voltage is required to produce the necessary gate-to-source
enhancement. This higher gate drive voltage is provided by
an external gate drive supply (MIC5156) or by an internal
charge pump (MIC5157 and MIC5158).
Gate Drive Supply Voltage (MIC5156 only)
The gate drive supply voltage must not be more than 14V
above the supply voltage (VP – VDD < 14V). The minimum
necessary gate drive supply voltage is:
VP = VOUT + VGS + 1
where:
VP = gate drive supply voltage
VOUT = regulator output voltage
VGS = gate-to-source voltage for full
MOSFET gate enhancement
The error amplifier uses the gate drive supply voltage to drive
the gate of the external MOSFET. The error amplifier output
can swing to within 1V of VP.


Similar Part No. - MIC5156YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5156-3.3BM MICREL-MIC5156-3.3BM Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5156-3.3BM MICREL-MIC5156-3.3BM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
MIC5156-3.3BN MICREL-MIC5156-3.3BN Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5156-3.3BN MICREL-MIC5156-3.3BN Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
More results

Similar Description - MIC5156YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com