Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5157YN Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5157YN
Description  Super LDO Regulator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5157YN Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5157YN Datasheet HTML 5Page - Micrel Semiconductor MIC5157YN Datasheet HTML 6Page - Micrel Semiconductor MIC5157YN Datasheet HTML 7Page - Micrel Semiconductor MIC5157YN Datasheet HTML 8Page - Micrel Semiconductor MIC5157YN Datasheet HTML 9Page - Micrel Semiconductor MIC5157YN Datasheet HTML 10Page - Micrel Semiconductor MIC5157YN Datasheet HTML 11Page - Micrel Semiconductor MIC5157YN Datasheet HTML 12Page - Micrel Semiconductor MIC5157YN Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MIC5156/5157/5158
Micrel, Inc.
MIC5156/5157/5158
10
August 2005
Current Limiting
Current sensing requires a low-value series resistance (Rs)
between VDD and D (drain). Refer to the typical applications.
The internal current-limiting circuit limits the voltage drop
across the sense resistor to 35mV. Equation (2) provides the
sense resistor value required for a given maximum current.
2)
RS =
35mV
ILIM
where:
RS = sense resistor value
ILIM = maximum output current
Most current-limited applications require low-value resistors.
See Application Hints 21 and 25 for construction hints.
Non-Current-Limited Applications
For circuits not requiring current limiting, do not use a sense
resistor between VDD and D (drain). See figure (3). The con-
troller will not limit current when it does not detect a 35mV
drop from VDD to D.
S
G
MIC5156
D
VDD
VIN
Figure 3. No Current Limit
3.3V Microprocessor Applications
For computer designs that use 3.3V microprocessors with 5V
logic, the FLAG output can be used to suppress the 5V sup-
ply until the 3.3V output is in regulation. Refer to the external
components shown with the MIC5156 Block Diagram.
SMPS Post Regulator Application
A Super LDO regulator can be used as a post regulator for a
switch-modepowersupply.TheSuperLDOregulatorcanpro-
vide a significant reduction in peak-to-peak ripple voltage.
High-Current Switch Application
All versions of the MIC5156/7/8 may be used for current-lim-
ited, high-current, high-side switching with or without voltage
regulation. See figure (4a). Simply leave the “S” terminal
open. A 16V zener diode from the gate to the source of the
MOSFET protects the MOSFET from overdrive during fault
conditions.
G
MIC5156-x.x
D
VDD
VIN
VG
Gate Supply
Enable
Shutdown
EN
GND
RS
S
Figure 4a. High-Side Switch
If a MIC5157 or MIC5158 is used and is shutdown for a
given time, the charge pump reservoir VCP will bleed off. If
recharging the reservoir causes an unacceptable delay in the
load reaching its operating voltage, do not use the EN pin
for on/off control. Instead, use the MIC5158, hold EN high to
keep the charge pump in continuous operation, and switch
the MOSFET on or off by overriding the error amplifier input
as shown in figure (4b).
GND
S
EA
MIC5158
G
EN
Output Off
Output On
1N4148
VIN
VDD
Figure 4b. Fast High-Side Switch
Battery Charger Application
The MIC5158 may be used in constant-current applications
suchasbatterychargers.Seefigure(5).Theregulatorsupplies
a constant-current (35mV ÷ R3) until the battery approaches
the float voltage:
VFL = 1.235
(1 +
)
R1
R2
where:
VFL = float voltage
At float voltage, the MOSFET is shut off. A trickle charge is
supplied by R4.


Similar Part No. - MIC5157YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
More results

Similar Description - MIC5157YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com