Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5158BN Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5158BN
Description  Super LDO Regulator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5158BN Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5158BN Datasheet HTML 4Page - Micrel Semiconductor MIC5158BN Datasheet HTML 5Page - Micrel Semiconductor MIC5158BN Datasheet HTML 6Page - Micrel Semiconductor MIC5158BN Datasheet HTML 7Page - Micrel Semiconductor MIC5158BN Datasheet HTML 8Page - Micrel Semiconductor MIC5158BN Datasheet HTML 9Page - Micrel Semiconductor MIC5158BN Datasheet HTML 10Page - Micrel Semiconductor MIC5158BN Datasheet HTML 11Page - Micrel Semiconductor MIC5158BN Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MIC5156/5157/5158
Micrel, Inc.
MIC5156/5157/5158
8
August 2005
Charge Pump (MIC5157/5158 only)
The charge pump tripler creates a dc voltage across reservoir
capacitor C3. External capacitors C1 and C2 provide the nec-
essary storage for the stages of the charge pump tripler.
The tripler’s approximate dc output voltage is:
VCP ≈ 3 (VDD – 1)
where:
VCP = charge pump output voltage
VDD = supply voltage
The VCP clamp circuit limits the charge pump voltage to 16V
above VDDbygatingthechargepumposcillatorONorOFFas
required. The charge pump oscillator operates at 160kHz.
The error amplifier uses the charge pump voltage to drive
the gate of the external MOSFET. It provides a constant load
of about 1mA to the charge pump. The error amplifier output
can swing to within 1V of VCP.
Although the MIC5157/8 is designed to provide gate drive
using its internal charge pump, an external gate drive sup-
ply voltage can be applied to VCP . When using an external
gate drive supply, VCP must not be forced more than 14V
higher than VDD.
When constant loads are driven, the ON/OFF switching of
the charge pump may be evident on the output waveform.
This is caused by the charge pump switching ON and rapidly
increasing the supply voltage to the error amplifier.The period
ofthissmallchargepumpexcitationisdeterminedbyanumber
of factors: the input voltage, the 1mA op-amp load, any dc
leakage associated with the MOSFET gate circuit, the size
of the charge pump capacitors, the size of the charge pump
reservoircapacitor,andthecharacteristicsoftheinputvoltage
and load. The period is lengthened by increasing the charge
pump reservoir capacitor (C3). The amplitude is reduced by
weakening the charge pump—this is accomplished by reduc-
ing the size of the pump capacitors (C1 and C2). If this small
burst is a problem in the application, use a 10µF reservoir
capacitor at C3 and 0.01µF pump capacitors at C1 and C2.
Note that the recovery time to repetitive load transients may
be affected with small pump capacitors.
Gate-to-Source Clamp
A gate-to-source protective voltage clamp of 16.6V protects
the MOSFET in the event that the output voltage is suddenly
forced to zero volts. This prevents damage to the external
MOSFET during shorted load conditions. Refer to “Charge
Pump” for normal clamp circuit operation.
The source connection required by the gate-to-source clamp
is not available on the adjustable version of the MIC5156.
Output Regulation
At start-up, the error amplifier feedback voltage (EA), or
internal feedback on fixed versions, is below nominal when
compared to the internal 1.235V bandgap reference. This
forces the error amplifier output high which turns on exter-
nal MOSFET Q1. Once the output reaches regulation, the
controller maintains constant output voltage under changing
input and load conditions by adjusting the error amplifier
output voltage (gate enhancement voltage) according to the
feedback voltage.
Out-of-Regulation Detection
When the output voltage is 8% or more below nominal, the
open-collector FLAG output (normally high) is forced low to
signal a fault condition. The FLAG output can be used to
signal or control external circuitry. The FLAG output can also
be used to shut down the regulator using the EN control.
Current Limiting
Super LDO Regulators perform constant-current limiting (not
foldback). To implement current limiting, a sense resistor
(RS) must be placed in the “power” path between VDD and
D (drain).
If the voltage drop across the sense resistor reaches 35mV,
the current limit comparator reduces the error amplifier out-
put. The error amplifier output is decreased only enough to
reduce the output current, keeping the voltage across the
sense resistor from exceeding 35mV.
Application Information
MOSFET Selection
Standard N-channel enhancement-mode MOSFETs are ac-
ceptable for most Super LDO regulator applications.
Logic-level N-channel enhancement-mode MOSFETs may
be necessary if the external gate drive voltage is too low
(MIC5156), or the input voltage is too low, to provide adequate
charge pump voltage (MIC5157/8) to enhance a standard
MOSFET.
Circuit Layout
For the best voltage regulation, place the source, ground,
and error amplifier connections as close as possible to the
load. See figures (1a) and (1b).
GND
S
G
MIC515x
VIN
Figure 1a. Connections for Fixed Output


Similar Part No. - MIC5158BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5158BN MICREL-MIC5158BN Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5158BN MICREL-MIC5158BN Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
More results

Similar Description - MIC5158BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
   Super LDO??Regulator Controller
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
   Super LDO??Regulator Controller
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
   LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
   1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
   LDO Regulator Controller SOT23-5 Package
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
   PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com