Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32520C1683J000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32520C1683J000
Description  Film Capacitors - Metallized Polyester (MKT)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32520C1683J000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32520C1683J000 Datasheet HTML 3Page - TDK Electronics B32520C1683J000 Datasheet HTML 4Page - TDK Electronics B32520C1683J000 Datasheet HTML 5Page - TDK Electronics B32520C1683J000 Datasheet HTML 6Page - TDK Electronics B32520C1683J000 Datasheet HTML 7Page - TDK Electronics B32520C1683J000 Datasheet HTML 8Page - TDK Electronics B32520C1683J000 Datasheet HTML 9Page - TDK Electronics B32520C1683J000 Datasheet HTML 10Page - TDK Electronics B32520C1683J000 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Overview of available types
Technology: s = Stacked-film technology / w = Wound capacitor technology
Lead spacing 5.0 mm
7.5 mm
10.0 mm
Type
B32529
B32520
B32521
Page
6
10
12
Technology
s
s
s
s
s
s
s
s
s
s
s
s
s
s
s
VR (V DC)
50
63
100 250 400 630 63
100 250 400 63
100 250 400 630
VRMS (V AC)
32
40
63
160 200 400 40
63
160 200 40
63
160 200 200
CR (
µF)
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.015
0.022
0.033
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
B32520 ... B32529
General purpose (stacked/wound)
Page 3 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32520C1683J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32520C1683 EPCOS-B32520C1683 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520C1683 EPCOS-B32520C1683 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32520C1683 EPCOS-B32520C1683 Datasheet
887Kb / 45P
   Film Capacitors
B32520C1683 EPCOS-B32520C1683 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32520C1683J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com