Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32537B1225J000 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32537B1225J000
Description  Metallized Polyester Film Capacitors (MKT-S)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32537B1225J000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32537B1225J000 Datasheet HTML 2Page - TDK Electronics B32537B1225J000 Datasheet HTML 3Page - TDK Electronics B32537B1225J000 Datasheet HTML 4Page - TDK Electronics B32537B1225J000 Datasheet HTML 5Page - TDK Electronics B32537B1225J000 Datasheet HTML 6Page - TDK Electronics B32537B1225J000 Datasheet HTML 7Page - TDK Electronics B32537B1225J000 Datasheet HTML 8Page - TDK Electronics B32537B1225J000 Datasheet HTML 9Page - TDK Electronics B32537B1225J000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Typical applications
Measurement equipment
Rough environments
High-rel circuits in industrial electronics
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/100/56
Features
Optimum self-healing capability
Excellent short circuit protection
Very high reliability
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Construction with structured metallization
Tubular winding
Encapsulated in metal tube
Insulating sleeve
Face ends sealed with epoxy resin
Terminals
Central axial leads, lead-free tinned
Marking
Manufacturer's logo, style (MKT-S),
rated capacitance (coded)
capacitance tolerance (code letter)
rated voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Diameter d
<8.5
8.5 ... 16 >16
Lead diameter d1
0.6
0.8
1.0
When bending leads take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polyester film capacitors (MKT-S)
B32537
High reliability (wound)
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32537B1225J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537B1225 EPCOS-B32537B1225 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32537B1225J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32538 EPCOS-B32538 Datasheet
142Kb / 9P
   Metallized Polyester Film Capacitors (MKT-S)
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com