Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW16N65K Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW16N65K
Description  N-channel TO-220 /TO-220F MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW16N65K Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW16N65K Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW16N65K Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW16N65K Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW16N65K Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW16N65K Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW16N65K Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
June. 2014. Rev.1.0
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 12. Gate charge test circuit & waveform
Fig. 13. Switching time test circuit & waveform
Fig. 14. Unclamped Inductive switching test circuit & waveform
5/6
SAMWIN
SW16N65K
V
DS
Same type
as DUT
DUT
V
GS
4mA
Q
G
Q
GS
Q
GD
V
GS
Charge
nC
10V


Similar Part No. - SW16N65K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SW16N65K VBSEMI-SW16N65K Datasheet
1Mb / 11P
   N-Channel 650-V (D-S) Super Junction MOSFET
More results

Similar Description - SW16N65K

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWP50N06A SEMIPOWER-SWP50N06A Datasheet
576Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
SW20N65K SEMIPOWER-SW20N65K Datasheet
777Kb / 6P
   N-channel TO-220/TO-220F MOSFET
SWP4N65 SEMIPOWER-SWP4N65 Datasheet
775Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
SW2N60 SEMIPOWER-SW2N60 Datasheet
752Kb / 7P
   N-channel MOSFET (TO-220F , TO-220)
SW10N65K SEMIPOWER-SW10N65K Datasheet
1,023Kb / 6P
   N-channel TO-220F/TO251N /TO-220 MOSFET
SW11N65D SEMIPOWER-SW11N65D Datasheet
876Kb / 7P
   N-channel Enhanced mode TO-220/TO-220F/TO-262 MOSFET
SW051R08ES SEMIPOWER-SW051R08ES Datasheet
638Kb / 7P
   N-channel Enhanced mode TO-263/TO-220/TO-220F MOSFET
SW051R08ES-2 SEMIPOWER-SW051R08ES-2 Datasheet
637Kb / 7P
   N-channel Enhanced mode TO-263/TO-220/TO-220F MOSFET
SW9N50D SEMIPOWER-SW9N50D Datasheet
1Mb / 7P
   N-channel Enhanced mode TO-220F/TO-220/TO-252 MOSFET
SW7N70K SEMIPOWER-SW7N70K Datasheet
944Kb / 7P
   N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-220 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com