Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD155111F Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD155111F
Description  RF Single-chip Linear IC for PCN Cellular Systems
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD155111F Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD155111F Datasheet HTML 7Page - Hitachi Semiconductor HD155111F Datasheet HTML 8Page - Hitachi Semiconductor HD155111F Datasheet HTML 9Page - Hitachi Semiconductor HD155111F Datasheet HTML 10Page - Hitachi Semiconductor HD155111F Datasheet HTML 11Page - Hitachi Semiconductor HD155111F Datasheet HTML 12Page - Hitachi Semiconductor HD155111F Datasheet HTML 13Page - Hitachi Semiconductor HD155111F Datasheet HTML 14Page - Hitachi Semiconductor HD155111F Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
HD155111F
11
Power saving is implemented through use of the idle mode. All function blocks of the HD155111F are
switched off until such time as the system controller commends the device to power up again.
Table 1
Operating Modes with Power Saving
Receive
(Rx)
Calibrate
(Cal)
Warm-up
(Lo-ON)
Transmit
(Tx)
Idle
(PS)
Mode
POONRX1 (pin 1)
H
L
L
L
H
switch
POONRX2 (pin 2)
H
H
L
L
L
POONTX (pin 7)
L
L
L
H
Don’t care
HD155111F
LNA bias
ON
OFF
OFF
OFF
OFF
circuit status
1st mixer
ON
OFF
OFF
OFF
OFF
IF AMP
ON
ON
OFF
OFF
OFF
2nd mixer
ON
ON
OFF
OFF
OFF
AGC
ON
ON
OFF
OFF
OFF
IO demodulator
ON
ON
OFF
OFF
OFF
Divider (Rx.)
ON
ON
OFF
OFF
OFF
Divider (Tx.)
OFF
OFF
OFF
ON
OFF
IO modulator
OFF
OFF
OFF
ON
OFF
Offset PLL
OFF
OFF
OFF
ON
OFF
RF 1st local buffer
ON
ON
ON
ON
OFF
IF local buffer
ON
ON
ON
ON
OFF
IFVCO
ON
ON
ON
ON
OFF
Total current
42.5 mA Typ
32 mA Typ
10.5 mA Typ
38 mA Typ
1
µA Typ
4.615ms
The slots of
PCN system
Operating modes
of the HD155111F
POONRX1(pin 1)
POONRX2(pin 2)
POONTX (pin 7)
Power Amplifier ON
UHF PLL synth. ON
UHF PLL synth. load
VCO control voltage
of UHF PLL synth.
4.615ms
701
2
3
45
67
01
2
3
4
5
67
0
1
Rx
Rx
Tx
Tx
Rx
Rx
Rx
Rx
PS
Idle(PS) mode don't care
Tx
Tx
Mon
Mon
Cal
Cal
Cal
Cal
Lo-ON
Lo-ON
Lo-
ON
Lo-
ON
Lo-
ON
Lo-
ON
Figure 2 Control Diagram for Operating Mode Selection


Similar Part No. - HD155111F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155101BF HITACHI-HD155101BF Datasheet
549Kb / 50P
   RF Single-chip Linear IC for GSM and EGSM Systems
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
More results

Similar Description - HD155111F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD155121F HITACHI-HD155121F Datasheet
429Kb / 57P
   RF Transceiver IC for GSM and PCN Dual band cellular systems
HD155101BF HITACHI-HD155101BF Datasheet
549Kb / 50P
   RF Single-chip Linear IC for GSM and EGSM Systems
logo
Maxim Integrated Produc...
MAX1727 MAXIM-MAX1727 Datasheet
403Kb / 15P
   GSM Cellular/PCN Handset RF Power Management IC
Rev 0; 12/00
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
   Linear codec IC for digital cellular telephones
logo
Panasonic Semiconductor
AN8538SH PANASONIC-AN8538SH Datasheet
50Kb / 5P
   Single PLL IC for cellular phone
logo
Toshiba Semiconductor
TC32306FTG TOSHIBA-TC32306FTG Datasheet
1Mb / 102P
   Single-Chip RF Transceiver for Low-Power Systems
2015-10-01
logo
Siemens Semiconductor G...
BFP136W SIEMENS-BFP136W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For power amplifier in DECT and PCN systems)
logo
Sanyo Semicon Device
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
logo
Freescale Semiconductor...
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
   Cellular Band RF Linear LDMOS Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com