Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF7609 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7609
Description  Advanced MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7609 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF7609 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF7609 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF7609
©Silikron Semiconductor CO., LTD.
2012.04.01
Version: 1.0
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case ③
0.75
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
℃/W
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
75
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
7.3
9
VGS=10V,ID = 30A
14.5
TJ = 125℃
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.56
TJ = 125℃
IDSS
Drain-to-Source leakage current
1
μA
VDS = 75V,VGS = 0V
50
TJ = 125℃
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
93
nC
ID = 30A,
VDS=30V,
VGS = 10V
Qgs
Gate-to-Source charge
36
Qgd
Gate-to-Drain("Miller") charge
29
td(on)
Turn-on delay time
19
ns
VGS=10V, VDS=30V,
RL=15Ω,
RGEN=2.5Ω
tr
Rise time
17
td(off)
Turn-Off delay time
88
tf
Fall time
31
Ciss
Input capacitance
6305
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
340
Crss
Reverse transfer capacitance
208
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
80 ①
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
320
A
V
SD
Diode Forward Voltage
0.88
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
45
ns
TJ = 25°C, IF =75A, di/dt =
10
0A/μs
Qrr
Reverse Recovery Charge
101
nC


Similar Part No. - SSF7609

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
More results

Similar Description - SSF7609

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com