Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38-RR11431100 Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-RR11431100
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-RR11431100 Datasheet(HTML) 1 Page - E-SWITCH

  38-RR11431100 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RR11431100
10/21/2014
38-RR11431100
A
rc
1
1
1
1
2
PANEL THICKNESS
(X) DIM.
0.75 TO 1.25
20.2mm
20.6mm
2.00 TO 3.00
20.4mm
1.25 TO 2.00
PANEL CUTOUT
A
21650
RELEASE FOR PRODUCTION
10/21/14
rc
23.00
[.906 in]
2.00
[.079 in]
22.60 .50
.890 .020 in
[]
14.60
[.575 in]
7.10
[.280 in]
4.80
[.189 in]
5.50 .50
.217 .020 in
[]
20.80
[.819 in]
(X) DIM
2.10
[.083 in]
20.80
[.819 in]
5.00
[.197 in]
20.00
[.787 in]
NOTE:
1. DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. CONTACT RATING: ANSI/UL 1054 CAN/USA C22.2 NO. 55 (E194579):
10A @ 125VAC [UR, cUR]
EN 61058-1: 2002:
6A 250~ μ 1E4 T85/55 [ENEC14, SEMKO]
6. CONTACT RESISTANCE: 35mΩ MAX. @ 50VAC
7. INSULATION RESISTANCE: 100MΩ MIN. @ 500VAC
8. DIELECTRIC STRENGTH: 1,500VAC FOR 1 MINUTE
9. ELECTRICAL LIFE: 6,000 CYCLES [UR, cUR]
10,000 CYCLES [ENEC14, SEMKO]
10. OPERATING TEMPERATURE: -20°C TO 105°C [UR, cUR]
-20°C TO 85°C [ENEC14, SEMKO]
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
BODY COLOR:
BLACK
ACUATOR COLOR:
BLACK
1
POS.
2
POS.
POS. 1
POS. 2
SWITCH FUNCTION
OFF
(ON)
OPEN
2-1
CIRCUIT: SPST
OFF - MOMENTARY ON
1
2
17.20
[.677 in]
20.00
[.787 in]
1.60
[.063 in]
3.20
[.126 in]
12.40
[.488 in]
.80
[.031 in]


Similar Part No. - 38-RR11431100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RR114C1200 E-SWITCH-38-RR114C1200 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
38-RR114C1800 E-SWITCH-38-RR114C1800 Datasheet
74Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-RR11431100

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com