Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSFM2506 Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # SSFM2506
Description  Advanced trench MOSFET process technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFM2506 Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  SSFM2506 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD. SSFM2506 Datasheet HTML 9Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SSFM2506
©Silikron Semiconductor CO.,LTD.
2011.02.25
Version : 1.2
page 6 of 9
www.silikron.com
Typical electrical and thermal characteristics
Notes:
①The maximum current rating is limited by bond-wires.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=175°C.
⑥ The maximum current rating is limited by bond-wires.
0.01
0.1
1
10
0.00001 0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Duty cycle D=
0.5,0.3,0.1,0.05,0.01,single
TJ(max)=PDM*Z
θ JC*Rθ JC+TC
R
θ JC=2.5℃/W
t
t
p
D=t
p/t
0.001
0.01
0.1
1
10
0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Duty cycle D=0.5,0.3,0.1, 0.05,0.01,single
TJ(max)=PDM*Z
θ JA*Rθ JA+TA
R
θ JA=36℃/W
t
t
p
D=t
p/t
Figure 14: Normalized Maximum Transient Thermal Impedance⑥
Figure 13: Normalized Maximum Transient Thermal Impedance⑤


Similar Part No. - SSFM2506

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFM2506 GOOD-ARK-SSFM2506 Datasheet
678Kb / 7P
   25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
More results

Similar Description - SSFM2506

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com