Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE32484A-SL Datasheet(PDF) 5 Page - NEC

Part # NE32484A-SL
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE32484A-SL Datasheet(HTML) 5 Page - NEC

  NE32484A-SL Datasheet HTML 1Page - NEC NE32484A-SL Datasheet HTML 2Page - NEC NE32484A-SL Datasheet HTML 3Page - NEC NE32484A-SL Datasheet HTML 4Page - NEC NE32484A-SL Datasheet HTML 5Page - NEC NE32484A-SL Datasheet HTML 6Page - NEC NE32484A-SL Datasheet HTML 7Page - NEC NE32484A-SL Datasheet HTML 8Page - NEC NE32484A-SL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NE32484A
5
S-Parameters MAG. AND ANG.
VDS = 2 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(deg.)
(deg.)
(deg.)
(deg.)
500
.999
–8.3
4.699
171.5
.009
81.1
.667
–6.2
1 000
.990
–16.6
4.678
162.9
.019
78.1
.663
–12.3
1 500
.976
–24.9
4.611
154.1
.027
73.5
.654
–18.2
2 000
.952
–32.7
4.508
146.0
.035
67.5
.641
–24.2
2 500
.934
–40.5
4.424
138.0
.043
61.4
.626
–29.7
3 000
.908
–48.2
4.328
130.0
.051
58.8
.612
–35.8
3 500
.884
–55.8
4.222
122.2
.056
53.8
.598
–41.2
4 000
.858
–63.1
4.127
114.7
.062
48.5
.576
–47.1
4 500
.830
–70.5
4.022
107.2
.067
44.5
.559
–52.9
5 000
.802
–77.5
3.906
99.9
.072
40.4
.538
–58.7
5 500
.775
–84.5
3.793
92.7
.075
36.3
.516
–64.7
6 000
.746
–91.0
3.669
85.8
.078
32.6
.497
–70.9
6 500
.725
–97.4
3.552
79.0
.081
29.6
.481
–76.7
7 000
.702
–103.5
3.426
72.7
.083
27.2
.470
–82.9
7 500
.681
–109.2
3.324
66.3
.085
24.9
.460
–88.3
8 000
.659
–114.3
3.223
60.1
.088
21.9
.454
–93.6
8 500
.645
–119.4
3.126
54.4
.090
19.9
.450
–99.5
9 000
.625
–124.2
3.050
48.4
.092
17.3
.450
–104.7
9 500
.609
–128.9
2.984
43.1
.094
15.6
.449
–109.8
10 000
.592
–134.2
2.921
37.1
.097
14.1
.441
–116.2
10 500
.574
–139.4
2.868
31.5
.098
11.3
.433
–121.4
11 000
.556
–144.6
2.812
25.7
.100
9.6
.429
–128.7
11 500
.539
–149.9
2.759
20.0
.101
6.7
.424
–134.1
12 000
.526
–155.7
2.705
14.5
.102
6.1
.423
–139.5
12 500
.511
–161.1
2.645
8.3
.105
4.1
.421
–146.5
13 000
.499
–166.2
2.595
3.1
.107
1.9
.429
–153.1
13 500
.487
–171.1
2.543
–2.3
.110
–.5
.439
–157.9
14 000
.476
–175.9
2.496
–8.2
.113
–1.6
.448
–163.5
14 500
.463
179.9
2.464
–13.6
.115
–4.0
.460
–168.9
15 000
.449
175.4
2.441
–19.5
.120
–7.4
.468
–174.1
15 500
.433
169.9
2.408
–24.6
.122
–9.9
.484
–179.4
16 000
.420
164.6
2.383
–30.5
.125
–13.0
.486
175.2
16 500
.404
158.5
2.377
–36.4
.130
–16.5
.489
170.6
17 000
.385
151.0
2.365
–42.3
.134
–19.2
.499
164.2
17 500
.373
143.6
2.350
–48.6
.135
–22.7
.507
158.1
18 000
.357
135.1
2.321
–55.0
.143
–26.3
.518
152.3


Similar Part No. - NE32484A-SL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE32484A-SL RENESAS-NE32484A-SL Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
More results

Similar Description - NE32484A-SL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com