Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1N4002G
Description  GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1N4002G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1N4002G Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N4002G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Glass passivated chip junction
Low forward voltage drop
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208c
Any
0.012 ounce,0.33 gram
Ratings at
ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
25 C
o
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
1.0 Ampere
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375 (9.5mm) lead length at T =75 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =125 C
A
o
A
o
Maximum Full Load Reverse Current,full cycle
average 0.375 (9.5mm) lead length at T =75 C
L
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at 0.375 (9.5mm) lead length,P.C.board mounted.
SYMBOLS
IN
IN
IN
IN
IN
IN
IN
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IR(AV)
CJ
T ,T
J
STG
-65 to +175
50
15
30
50
5.0
1.1
30
1.0
4001G 4002G 4003G 4004G 4005G 4006G 4007G
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Amps
Amps
Volts
p
F
O C/W
O C
Amps
Amps
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.205(5.2)
.165(4.2)
.107(2.7)
.080(2.0)
DIA
DO-41
1.0(25.4)
MIN
Volts
Volts
Volts
GLASS PASSIVATED RECTIFIER
R JA
1N4001G-4007G
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 1N4002G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Diotech Company.
1N4002G DIOTECH-1N4002G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
logo
DIOTEC Electronics Corp...
1N4002G DEC-1N4002G Datasheet
826Kb / 2P
   Glass Passivated Die Construction
More results

Similar Description - 1N4002G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1G1-1G7 ETC2-1G1-1G7 Datasheet
112Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
16AF05C MIC-16AF05C Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com