Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC14 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74AC14
Description  Hex Inverter Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC14 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74AC14 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC14 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-14D
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
17
14
8
5.00
5.30 Max
0.83 Max
*0.22
+0.08
–0.07
0.20
± 0.06
1.0


Similar Part No. - HD74AC14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC14 RENESAS-HD74AC14 Datasheet
115Kb / 7P
   Hex Inverter Schmitt Trigger
HD74AC14FPEL RENESAS-HD74AC14FPEL Datasheet
115Kb / 7P
   Hex Inverter Schmitt Trigger
HD74AC14FPEL RENESAS-HD74AC14FPEL Datasheet
141Kb / 9P
   Hex Inverter Schmitt Trigger
HD74AC14P RENESAS-HD74AC14P Datasheet
115Kb / 7P
   Hex Inverter Schmitt Trigger
HD74AC14P RENESAS-HD74AC14P Datasheet
141Kb / 9P
   Hex Inverter Schmitt Trigger
More results

Similar Description - HD74AC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com