Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

92315-0619 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 92315-0619
Description  PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

92315-0619 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  92315-0619 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
92315-0619
Status:
Active
Overview:
Picoflex® Connectors
Description:
Picoflex® PF-50 IDT-to-IDT, 6 Circuits, 0.19m Length
Documents:
3D Model
Product Specification PS-99020-0011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92315
Application Tooling Part Link
62100-6000
Application Tooling Part Link
62100-6010
Assembly Configuration
Dual Ended Connectors
Connector to Connector
Picoflex® IDT-to-IDT
Overview
Picoflex® Connectors
Product Name
Picoflex®
UPC
800754897983
Physical
Cable Length
0.19m
Circuits (Loaded)
6
Color - Resin
Natural
Gender
Female-Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
3.000/g
Packaging Type
Bag
Pitch - Mating Interface
1.27mm
Plating min - Mating
2.032µm
Plating min - Termination
2.032µm
Single Ended
No
Termination Interface: Style
IDT or Pierce
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
28
Wire/Cable Type
PVC, Ribbon Cable
Electrical
Current - Maximum per Contact
1.2A
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0011
Sales Drawing
SD-92315-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92315Series
Mates With
Picoflex® PF-50 Header 90325 , 90800 ,
90779 , 90715 , 90814
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extractor Tool for
Connectors
0621006000
This document was generated on 09/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 92315-0619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
92315-0615 MOLEX-92315-0615 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - 92315-0619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180414-0103 MOLEX10-180414-0103 Datasheet
51Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
R10-14L MOLEX-R10-14L Datasheet
50Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
53324-1560 MOLEX-53324-1560 Datasheet
37Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
34729-0082 MOLEX-34729-0082 Datasheet
69Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
35362-1276 MOLEX4-35362-1276 Datasheet
35Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-0820 MOLEX-92315-0820 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-1215 MOLEX-92315-1215 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92316-1610 MOLEX-92316-1610 Datasheet
42Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
QS5LV919-100Q MOLEX-QS5LV919-100Q Datasheet
28Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
70107-0009 MOLEX-70107-0009 Datasheet
43Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
0022111061 MOLEX-0022111061 Datasheet
28Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com