Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT139 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 74ACT139
Description  Dual 1-of-4 Decoder/Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74ACT139 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  74ACT139 Datasheet HTML 1Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 2Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 3Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 4Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 5Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 6Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 7Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 8Page - Hitachi Semiconductor 74ACT139 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74AC139/HD74ACT139
5
AC Characteristics: HD74AC139
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
8.0
11.5
1.0
13.0
ns
A
n to On
5.0
1.0
6.5
8.5
1.0
9.5
Propagation delay
t
PHL
3.3
1.0
7.0
10.0
1.0
11.0
ns
A
n to On
5.0
1.0
5.5
7.5
1.0
8.5
Propagation delay
t
PLH
3.3
1.0
9.5
12.0
1.0
13.0
ns
E
n to On
5.0
1.0
7.0
8.5
1.0
10.0
Propagation delay
t
PHL
3.3
1.0
8.0
10.0
1.0
11.0
ns
E
n to On
5.0
1.0
6.0
7.5
1.0
8.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
AC Characteristics: HD74ACT139
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
A
n to On
t
PLH
5.0
1.0
6.0
8.5
1.0
9.5
ns
Propagation delay
A
n to On
t
PHL
5.0
1.0
6.0
9.5
1.0
10.5
ns
Propagation delay
E
n to On
t
PLH
5.0
1.0
7.0
10.0
1.0
11.0
ns
Propagation delay
E
n to On
t
PHL
5.0
1.0
7.0
9.5
1.0
10.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V
± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
40.0
pF
V
CC = 5.0 V


Similar Part No. - 74ACT139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT139 TI-74ACT139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
Fairchild Semiconductor
74ACT139 FAIRCHILD-74ACT139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74ACT139 ONSEMI-74ACT139 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74ACT139 FAIRCHILD-74ACT139 Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
74ACT139MTC FAIRCHILD-74ACT139MTC Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
More results

Similar Description - 74ACT139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
   DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
   Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
   Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
   Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
   Dual 1-of-4 Decoder/Demultiplexer
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
   DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F139DM NSC-54F139DM Datasheet
166Kb / 8P
   Dual 1-of-4 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com