Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFEC40-12D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFEC40-12D12
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC40-12D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFEC40-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC40-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC40-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD DFEC40-12D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/4/30
DFEC40 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 40 Watts
FEATURES
APPLICATIONS
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output
Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (2)
Min. Load (1)
Full Load
Model
Number
VDC
VDC
mA
mA
mA
%
µ
F
DFEC40-12S3P3
9.5 ~ 18
3.3
0
8000
179
84
21000
DFEC40-12S05
9.5 ~ 18
5
0
8000
232
84
13600
DFEC40-12S12
9.5 ~ 18
12
0
3333
262
84
2360
DFEC40-12S15
9.5 ~ 18
15
0
2666
320
85
1510
DFEC40-12S24
9.5 ~ 18
24
144
1800
42
83
600
DFEC40-12S28
9.5 ~ 18
28
122
1400
50
83
375
DFEC40-12D12
9.5 ~ 18
±12
±144
±1800
37
83
±1200
DFEC40-12D15
9.5 ~ 18
±15
±112
±1400
45
83
±750
DFEC40-12T3312
9.5 ~ 18
3.3 / ±12
600 / ±40
6000 / ±400
222
82
13000 / ±330
DFEC40-12T3315
9.5 ~ 18
3.3 / ±15
600 / ±30
6000 / ±300
237
82
13000 / ±110
DFEC40-12T0512
9.5 ~ 18
5 / ±12
600 / ±40
6000 / ±400
287
84
6800 / ±330
DFEC40-12T0515
9.5 ~ 18
5 / ±15
600 / ±30
6000 / ±300
287
84
6800 / ±110
DFEC40-24S3P3
18 ~ 36
3.3
0
8000
67
85
21000
DFEC40-24S05
18 ~ 36
5
0
8000
82
87
13600
DFEC40-24S12
18 ~ 36
12
0
3333
87
86
2360
DFEC40-24S15
18 ~ 36
15
0
2666
92
87
1510
DFEC40-24S24
18 ~ 36
24
144
1800
32
86
600
DFEC40-24S28
18 ~ 36
28
122
1400
32
86
375
DFEC40-24D12
18 ~ 36
±12
±144
±1800
27
85
±1200
DFEC40-24D15
18 ~ 36
±15
±112
±1400
27
85
±750
DFEC40-24T3312
18 ~ 36
3.3 / ±12
600 / ±40
6000 / ±400
67
83
13000 / ±330
DFEC40-24T3315
18 ~ 36
3.3 / ±15
600 / ±30
6000 / ±300
67
83
13000 / ±110
DFEC40-24T0512
18 ~ 36
5 / ±12
600 / ±40
6000 / ±400
67
85
6800 / ±330
DFEC40-24T0515
18 ~ 36
5 / ±15
600 / ±30
6000 / ±300
77
85
6800 / ±110
DFEC40-48S3P3
36 ~ 75
3.3
0
8000
42
86
21000
DFEC40-48S05
36 ~ 75
5
0
8000
44
88
13600
DFEC40-48S12
36 ~ 75
12
0
3333
54
87
2360
DFEC40-48S15
36 ~ 75
15
0
2666
57
87
1510
DFEC40-48S24
36 ~ 75
24
144
1800
23
86
600
DFEC40-48S28
36 ~ 75
28
122
1400
23
86
375
DFEC40-48D12
36 ~ 75
±12
±144
±1800
20
85
±1200
DFEC40-48D15
36 ~ 75
±15
±112
±1400
20
85
±750
DFEC40-48T3312
36 ~ 75
3.3 / ±12
600 / ±40
6000 / ±400
42
84
13000 / ±330
DFEC40-48T3315
36 ~ 75
3.3 / ±15
600 / ±30
6000 / ±300
42
84
13000 / ±110
DFEC40-48T0512
36 ~ 75
5 / ±12
600 / ±40
6000 / ±400
42
86
6800 / ±330
DFEC40-48T0515
36 ~ 75
5 / ±15
600 / ±30
6000 / ±300
47
86
6800 / ±110


Similar Part No. - DFEC40-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40-24D12W P-DUKE-DFEC40-24D12W Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC40-24D15W P-DUKE-DFEC40-24D15W Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC40-24S05W P-DUKE-DFEC40-24S05W Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC40-24S12W P-DUKE-DFEC40-24S12W Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC40-24S15W P-DUKE-DFEC40-24S15W Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - DFEC40-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com