Electronic Components Datasheet Search |
|
DFEC60-24S24 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD |
|
DFEC60-24S24 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 3 page 3 www.PDUKE.com 2014/4/30 * NC :No Connection * Screw terminals – wire range from 14 to 18 AWG ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature Without derating With derating -40 +55 +55 +85 ℃ Storage temperature range -40 +105 ℃ Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC SPECIFICATIONS Parameter Conditions Level EMI EN55022 Class B ESD EN61000-4-2 Air ± 8kV and Contact ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 10V/m Perf. Criteria A Fast transient EN61000-4-4 ± 2kV Perf. Criteria A Surge EN61000-4-5 ± 1kV Perf. Criteria A Conducted immunity EN61000-4-6 10Vr.m.s Perf. Criteria A Note: 1. Test by minimum input and constant resistive load. CHARACTERISTIC CURVE DFEC60-48S05 Derating Curve DFEC60-48S05 Efficiency vs. Input Voltage DFEC60-48S05 Efficiency vs. Output Load MECHANICAL DRAWING PIN CONNECTION 1. All dimensions in Inch (mm) 2. Tolerance : X.XX±0.02 (X.X±0.5) 4. Tolerance : X.XXX±0.01 (X.XX±0.25) 3. Terminal screw locked torque : MAX 2.5kgf -cm (0.25N-m) PIN SINGLE 1 Ctrl 2 -Vin 3 -Vin 4 +Vin 5 NC 6 -Vout 7 +Vout 8 NC |
Similar Part No. - DFEC60-24S24 |
|
Similar Description - DFEC60-24S24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |