Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFEC30-48S15W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFEC30-48S15W
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC30-48S15W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFEC30-48S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC30-48S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC30-48S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/4/30
DFEC30W SERIES
CHASSIS-MOUNT DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 30 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
DFEC30-24S3P3W
10 ~ 40
3.3
6
52
85
19500
DFEC30-24S05W
10 ~ 40
5
6
67
85
10200
DFEC30-24S12W
10 ~ 40
12
2.5
69
85
3300
DFEC30-24S15W
10 ~ 40
15
2
75
86
1100
DFEC30-24S24W
10 ~ 40
24
1.25
39
82
500
DFEC30-24S28W
10 ~ 40
28
1
45
83
340
DFEC30-24D12W
10 ~ 40
±12
±1.25
34
82
±1000
DFEC30-24D15W
10 ~ 40
±15
±1
40
83
±680
DFEC30-48S3P3W
18 ~ 75
3.3
6
32
85
19500
DFEC30-48S05W
18 ~ 75
5
6
32
86
10200
DFEC30-48S12W
18 ~ 75
12
2.5
38
85
3300
DFEC30-48S15W
18 ~ 75
15
2
48
86
1100
DFEC30-48S24W
18 ~ 75
24
1.25
30
83
500
DFEC30-48S28W
18 ~ 75
28
1
30
84
340
DFEC30-48D12W
18 ~ 75
±12
±1.25
28
83
±1000
DFEC30-48D15W
18 ~ 75
±15
±1
28
84
±680
PART NUMBER STRUCTURE
DFEC30 -
48
S
05
W -
N
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Input
Range
Remote Control
Option
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
24:
28:
3.3
5
12
15
24
28
24:
48:
10~40
18~75
D: Dual
12:
15:
±12
±15
4:1
:
N:
Positive logic
Negative logic


Similar Part No. - DFEC30-48S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC30-48S15 P-DUKE-DFEC30-48S15 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results

Similar Description - DFEC30-48S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com