Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DOH10-05T Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # DOH10-05T
Description  POINT OF LOAD DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DOH10-05T Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  DOH10-05T Datasheet HTML 1Page - Power Mate Technology Co., LTD DOH10-05T Datasheet HTML 2Page - Power Mate Technology Co., LTD DOH10-05T Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
DOS(H)10-05T SERIES
POINT OF LOAD
DC-DC CONVERTER
DOS10-05T, Vo=3.3V, Derating Curve
0
2
4
6
8
10
12
20
30
40
50
60
70
80
90
AMBIENT TEMPERATURE,TA(
℃)
Output Current
Model Name
ON/OFF
Logic
Package
Input Voltage
Output Voltage
Min. Load
Max. Load
Efficiency (%)
5.0Vin,
3.3VDC@10A
DOS10-05T
Negative
DOS10-05T-P
Positive
SMD
DOH10-05T
Negative
DOH10-05T-P
Positive
Vertical Mounting
SIP
DOH10-05TA
Negative
DOH10-05TA-P
Positive
Horizontal Mounting
SIP
2.4 ~ 5.5VDC
Vin(min)=Vout(set)+0.5V
0.75 ~ 3.3VDC
0A
10A
95%
Fig. 1
Table 1
Vout(set) (V) Rtrim (K
Ω)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.5
6.974
3.3
3.160
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
External with Cout = 1µF ceramic//10µF tantalum capacitors.
3.
External with Cout = 2pcs of 150µF polymer capacitors.
4.
Output voltage programmable from 0.75V to 3.3V by connecting a single resistor (shown as Rtrim in Table 1) between the TRIM and GND pins of the
module.To calculate the value of the resistor Rtrim for a particular output voltage Vout, use the following equation:
5.
It’s necessary to equip the external input capacitors at the input of the module. The capacitors should connect as close as possible to the input
terminals that ensuring module stability. The external Cin is 3pcs of 150µF low-ESR polymer capacitors // 2pcs of 47µF ceramic capacitors at least.
6.
Device code with suffix “
-P” – Positive logic(ON/OFF is open collector/drain logic input; Signal referenced to GND )
Device code with no suffix – Negative logic (ON/OFF pin is open collector/drain logic input with external pull –up resistor; signal referenced to GND)
7.
Case 1 :On/Off input is set to logic low (module on) and then input power is applied (delay from instant at which Vin=Vin(min) until Vout=10% of Vout(set))
8.
Case 2 :Input power is applied for at least one second and then the ON/OFF input is set to logic low (delay form instant at which Von/off=0.3V until
Vout=10% of Vout(set))
CAUTION: This power module is not internally fused. An input line fuse must always be used.
=
5110
-
0.7525
-
Vout
21070
Rtrim


Similar Part No. - DOH10-05T

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOH10-05T P-DUKE-DOH10-05T Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOH10-05T RSG-DOH10-05T Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Power Mate Technology C...
DOH10-05T P-DUKE-DOH10-05T Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-05T-P P-DUKE-DOH10-05T-P Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOH10-05T-P RSG-DOH10-05T-P Datasheet
208Kb / 3P
   Non-isolated Point of load DC/DC converters
More results

Similar Description - DOH10-05T

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS16-05T P-DUKE-DOS16-05T_14 Datasheet
697Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS_H P-DUKE-DOS_H_30 Datasheet
648Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH06-05T P-DUKE-DOH06-05T_14 Datasheet
745Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS_H_16-12T P-DUKE-DOS_H_16-12T Datasheet
791Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH06-12T P-DUKE-DOH06-12T_14 Datasheet
704Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-05T P-DUKE-DOH10-05T_14 Datasheet
696Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH10-12T P-DUKE-DOH10-12T_14 Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS10-12T P-DUKE-DOS10-12T_14 Datasheet
754Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOH16-12T P-DUKE-DOH16-12T_14 Datasheet
775Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
DOS06-05T P-DUKE-DOS06-05T_14 Datasheet
745Kb / 3P
   POINT OF LOAD DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com