Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2M03ALA-S04 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # F2M03ALA-S04
Description  Low power Audio Bluetooth Module with antenna F2M03ALA Datasheet
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F2M03ALA-S04 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button F2M03ALA-S04 Datasheet HTML 2Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 3Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 4Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 5Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 6Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 7Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 8Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 9Page - List of Unclassifed Manufacturers F2M03ALA-S04 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Rev: a
Low power Audio Bluetooth
™ Module with antenna F2M03ALA
Datasheet
Auxiliary ADC
Auxiliary ADC, 8-bit resolution
Min
Typ
Max
Unit
Resolution
-
-
8
Bits
Input voltage range
(LSB size = 1.8/255= 7.1mV)
0
-
1.8
V
INL
-1
-
1
LSB
Accuracy
(Guaranteed monotonic)
DNL
0
-
1
LSB
Offset
-1
-
1
LSB
Gain Error
-0.8
-
0.8
%
Input Bandwidth
-
100
-
KHz
Conversion time
-
2.5
-
µS
Sample rate*
-
-
700
Sample/s
*The ADC is accessed through the VM function. The sample rate given is achieved as a part of this function
Auxiliary DAC
Auxiliary DAC, 8-bit resolution
Min
Typ
Max
Unit
Resolution
-
-
8
Bits
Average output step size
12.5
14.5
17.0
mV
Output Voltage
Monotonic
Voltage range (IO=0mA)
0
-
VDD
V
Current range
-10.0
-
+0.1
mA
Minimum output voltage (IO=100µΑ)
0
-
0.2
V
Maximum output voltage (IO=10mA)
VDD-0.3
-
VDD
V
High impedance leakage current
-1
-
+1
µA
Offset
-220
-
+120
MV
Integral non-linearity
-2
-
+2
LSB
Settling time (50pF load)
-
-
10
µS
Notes:
Current drawn into a pin is defined as positive; current supplied out of a pin is defined as negative.
Audio CODEC
Audio CODEC, 15-Bit Resolution
(MIC and SPKR pins)
Min
Typ
Max
Unit
Microphone Amplifier
Input full scale at maximum gain
-
3
-
mV rms
Input full scale at minimum gain
-
350
-
mV rms
Gain resolution
2.8
3
3.2
dB
Gain range
42
-
dB
Distortion at 1kHz
-
-
-78
dB
Bandwidth
-
20
-
kHz
Input Impedance (Microphone input)
-
20
-
k
Input Impedance (Line input)
-
130
-
k
Analogue to Digital Converter
Input sample rate
-
1
-
Msamples/s
Output sample rate
-
8
-
KSamples/s
Distortion and noise at 1kHz (relative to full scale)
-
-78
-75
dB
Digital to Analogue Converter
Gain resolution
2.8
3
3.2
dB
Min gain
-
-18
-
dB
Max gain
-
3
-
dB
Speaker Driver
Output voltage full scale swing (differential)
-
2.0
-
V Pk-Pk
Output current drive (at full scale swing)
10
20
40
mA
Output full scale current (at reduced swing)
-
75
-
mA
Output –3dB bandwith
-
18.5
-
kHz
Distortion and noise (relative to full scale) (32
Ω load)
differential
-
-75
-
dB
Allowed load: resistive
8
-
OC
Allowed load: capacitive
-
-
500
pF
© 2007 Free2move AB
Page 6(51)


Similar Part No. - F2M03ALA-S04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
F2M03C2001 ETC2-F2M03C2001 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
F2M03GLA ETC2-F2M03GLA Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
F2M03GLA-S01 ETC2-F2M03GLA-S01 Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
F2M03GLA-S04 ETC2-F2M03GLA-S04 Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
More results

Similar Description - F2M03ALA-S04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03GLA ETC2-F2M03GLA Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
WT32I ETC2-WT32I Datasheet
1Mb / 63P
   BLUETOOTH AUDIO MODULE
logo
Microchip Technology
RN52-I MICROCHIP-RN52-I Datasheet
2Mb / 2P
   Bluetooth Audio Module
v. 1.0r 01/13
RN52 MICROCHIP-RN52 Datasheet
374Kb / 26P
   Bluetooth Audio Module
07/14/15
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
logo
Silicon Laboratories
WT32I SILABS-WT32I Datasheet
2Mb / 63P
   WT32i BLUETOOTH AUDIO MODULE
Version 1.3.1
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
   Bluetooth Stereo Audio Transmitter Module
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
   ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com