Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FED30-24S12W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FED30-24S12W
Description  30 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED30-24S12W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FED30-24S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD FED30-24S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD FED30-24S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2014/4/30
FED30W SERIES
30 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
24VDC nominal input
48VDC nominal input
9 ~ 36VDC
18 ~ 75VDC
Input filter
Pi type
Input surge voltage
24VDC input
48VDC input
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple current
20mAp-p
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
30ms
30ms
Start-up voltage
24VDC input
48VDC input
9VDC, max.
18VDC, max.
Shutdown voltage
24VDC input
48VDC input
8VDC
16VDC
Remote ON/OFF (Note 5)
(Positive logic)(Standard)
(Negative logic)(Option)
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Open or 3V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3V < Vr < 12V
Input current of Remote control pin
Nominal Input
-0.5mA ~ +0.5mA
Remote off state input current
Nominal Input
3mA
ENVIRONMENTAL SPECIFICATIONS
-40ºC to +50ºC (without derating)
Operating ambient temperature
+50ºC to +85ºC (with derating)
Maximum case temperature
105ºC
Storage temperature range
-55ºC to +125ºC
Over temperature protection
115ºC
Thermal impedance
(Note 6)
Nature convection
Nature convection with heat-sink
12ºC/Watt
10ºC/Watt
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 7)
EN55022
Class A
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m Perf. Criteria A
Fast transient (Note 8) EN61000-4-4
± 2kV Perf. Criteria A
Surge (Note 8)
EN61000-4-5
± 1kV Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
30 Watts max.
Voltage accuracy
±1%
Voltage adjustability
Single output
± 10%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
No load to Full load
Single
Dual
± 0.5%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
(Measured with a 1uF/50V MLCC)
1.5-5.1Vo
100mVp-p
12-15Vo
150mVp-p
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
250µs
Over voltage protection
Zener diode clamp
1.5V
2.5V
3.3V
5.0V & 5.1V &
±5V
12V &
±12V
15V &
±15V
Output
Output
Output
Output
Output
Output
2.0V
3.3V
3.9V
6.2V
15V
18V
Over load protection
% of FL at nominal input
150%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input (Output) to Case
1600VDC min. 1minute
1600VDC min. 1minute
Case grounding
Connect case to -input with decoupling Y Cap
Isolation resistance
500VDC
10
9ohms, min.
Isolation capacitance
1500pF, max.
Switching frequency
430kHz± 10%
Safety approvals
IEC60950-1, UL60950-1, & EN60950-1
Case material
Nickel-coated copper
Base material
FR4 PCB
Potting material
Epoxy (UL94 V-0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8X 25.4 X 10.2 mm)
Weight
30.5g(1.07oz)
MTBF (Note 1)
MIL-HDBK-217F
1.288 x 10
6 hrs.
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
30 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 8.5A
STANDARD 2.00 X 1.00 X 0.40 INCH
HIGH EFFICIENCY UP TO 91%
4:1 ULTRA WIDE INPUT VOLTAGE RANGE
SIX-SIDED CONTINUOUS SHIELD
FIXED SWITCHING FREQUENCY
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
OPTIONS
NEGATIVE LOGIC REMOTE ON/OFF
DESCRIPTION
The FED30W series offer 30 watts of output power from a 2 x 1 x 0.4 inch
package. FED30W series have 4:1 ultra wide input voltage of 9~36 and
18~75VDC. The FED30W have features 1600VDC of isolation, short circuit
protection, over-current protection, over-voltage protection,
over-temperature protection and six sided shielding.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement
Semiconductor Equipment


Similar Part No. - FED30-24S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-24S12W P-DUKE-FED30-24S12W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
More results

Similar Description - FED30-24S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FEC30W P-DUKE-FEC30W_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FED30 P-DUKE-FED30_14 Datasheet
301Kb / 3P
   30 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com