Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FED30-24S5P1 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # FED30-24S5P1
Description  30 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FED30-24S5P1 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  FED30-24S5P1 Datasheet HTML 1Page - Power Mate Technology Co., LTD FED30-24S5P1 Datasheet HTML 2Page - Power Mate Technology Co., LTD FED30-24S5P1 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
FED30 SERIES
30 WATTS
DC-DC CONVERTER
Output Current
No load
(2)
Model
Number
Input
Range
Output
Voltage
Min. Load
Max. Load
Output
(3)
Ripple & Noise
Input Current
Eff
(3)
(%)
Capacitor
(4)
Load max
FED30-12S1P5
9 ~ 18 VDC
1.5 VDC
0mA
8500mA
100mVp-p
70mA
79
20000µF
FED30-12S2P5
9 ~ 18 VDC
2.5 VDC
0mA
8000mA
100mVp-p
100mA
84
20000µF
FED30-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
8000mA
100mVp-p
90mA
85
20000µF
FED30-12S05
9 ~ 18 VDC
5.0 VDC
0mA
6000mA
100mVp-p
130mA
87
14400µF
FED30-12S5P1
9 ~ 18 VDC
5.1 VDC
0mA
6000mA
100mVp-p
130mA
87
14400µF
FED30-12S12
9 ~ 18 VDC
12 VDC
0mA
2500mA
150mVp-p
90mA
89
3000µF
FED30-12S15
9 ~ 18 VDC
15 VDC
0mA
2000mA
150mVp-p
80mA
89
2000µF
FED30-12D05
9 ~ 18 VDC
±5VDC
0mA
±3000mA
100mVp-p
90mA
87
± 3000µF
FED30-12D12
9 ~ 18 VDC
±12VDC
0mA
±1250mA
150mVp-p
50mA
87
± 2000µF
FED30-12D15
9 ~ 18 VDC
±15VDC
0mA
±1000mA
150mVp-p
40mA
87
± 1300µF
FED30-24S1P5
18 ~ 36 VDC
1.5 VDC
0mA
8500mA
100mVp-p
50mA
80
20000µF
FED30-24S2P5
18 ~ 36 VDC
2.5 VDC
0mA
8000mA
100mVp-p
50mA
85
20000µF
FED30-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
8000mA
100mVp-p
50mA
87
20000µF
FED30-24S05
18 ~36 VDC
5.0 VDC
0mA
6000mA
100mVp-p
75mA
90
14400µF
FED30-24S5P1
18 ~ 36 VDC
5.1 VDC
0mA
6000mA
100mVp-p
75mA
90
14400µF
FED30-24S12
18 ~ 36 VDC
12 VDC
0mA
2500mA
150mVp-p
40mA
91
3000µF
FED30-24S15
18 ~ 36 VDC
15 VDC
0mA
2000mA
150mVp-p
30mA
91
2000µF
FED30-24D05
18 ~ 36 VDC
±5VDC
0mA
±3000mA
100mVp-p
70mA
90
± 3000µF
FED30-24D12
18 ~ 36 VDC
±12VDC
0mA
±1250mA
150mVp-p
30mA
89
± 2000µF
FED30-24D15
18 ~ 36 VDC
±15VDC
0mA
±1000mA
150mVp-p
30mA
90
± 1300µF
FED30-48S1P5
36 ~ 75 VDC
1.5 VDC
0mA
8500mA
100mVp-p
45mA
80
20000µF
FED30-48S2P5
36 ~ 75 VDC
2.5 VDC
0mA
8000mA
100mVp-p
45mA
85
20000µF
FED30-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
8000mA
100mVp-p
30mA
87
20000µF
FED30-48S05
36 ~ 75 VDC
5.0 VDC
0mA
6000mA
100mVp-p
45mA
90
14400µF
FED30-48S5P1
36 ~ 75 VDC
5.1 VDC
0mA
6000mA
100mVp-p
45mA
89
14400µF
FED30-48S12
36 ~ 75 VDC
12 VDC
0mA
2500mA
150mVp-p
40mA
91
3000µF
FED30-48S15
36 ~ 75 VDC
15 VDC
0mA
2000mA
150mVp-p
40mA
91
2000µF
FED30-48D05
36 ~ 75 VDC
±5VDC
0mA
±3000mA
100mVp-p
35mA
90
± 3000µF
FED30-48D12
36 ~ 75 VDC
±12VDC
0mA
±1250mA
150mVp-p
30mA
88
± 2000µF
FED30-48D15
36 ~ 75 VDC
±15VDC
0mA
±1000mA
150mVp-p
20mA
89
± 1300µF
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input voltage and no load.
3.
Typical value at nominal input voltage and full load.
4.
Test by minimum input and constant resistive load.
5.
The CTRL pin voltage is referenced to -INPUT.
6.
Heat-sink is optional and P/N: 7G-0020A-F.
7.
The FED30 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
8.
An external filter capacitor is required if the module has to meet EN61000-4-4,EN61000-4-5.
The filter capacitor Power Mate suggest: 12 VDC INPUT & 24 VDC INPUT : Nippon chemi-con KY series, 330µF/50V.
48 VDC INPUT : Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
FED30-48S05 Efficiency VS Output Load
85%
87%
89%
91%
93%
95%
36
40
44
48
52
56
60
64
68
72
76
INPUT VOLTAGE (V)
FED30-48S05 Efficiency VS Input voltage
FED30-48S05 Efficiency VS Output Load
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FED30-48S05 Efficiency VS Output Load
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
71
FED30-48S05 Derating Curve with Heat-Sink
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(
℃)
65
FED30-48S05 Derating Curve


Similar Part No. - FED30-24S5P1

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FED30-24S5P1 P-DUKE-FED30-24S5P1 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
FED30-24S5P1W P-DUKE-FED30-24S5P1W Datasheet
383Kb / 3P
   30 WATTS OUTPUT POWER
FED30-24S5P1W P-DUKE-FED30-24S5P1W Datasheet
1Mb / 3P
   30 WATTS DC-DC CONVERTER
More results

Similar Description - FED30-24S5P1

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FEC30W P-DUKE-FEC30W_14 Datasheet
334Kb / 3P
   30 WATTS DC-DC CONVERTER
FED30W P-DUKE-FED30W_14 Datasheet
1Mb / 3P
   30 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com