Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L5UK Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD5V0L5UK
Description  Low capacitance unidirectional fivefold ESD protection diode arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L5UK Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD5V0L5UK Datasheet HTML 1Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 2Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 3Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 4Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 5Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 6Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 7Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 8Page - NXP Semiconductors PESD5V0L5UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Low capacitance unidirectional fivefold ElectroStatic Discharge (ESD) protection diode
arrays in a leadless ultra small SOT891 Surface-Mounted Device (SMD) plastic package
designed to protect up to five unidirectional signal lines from the damage caused by ESD
and other transients.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
PESD3V3L5UK; PESD5V0L5UK
Low capacitance unidirectional fivefold ESD protection diode
arrays
Rev. 1 — 25 August 2010
Product data sheet
ESD protection of up to five lines
Very low leakage current: IRM =0.5 μA
Low diode capacitance
ESD protection up to 20 kV
Max. peak pulse power: PPP =30W
IEC 61000-4-2; level 4 (ESD)
Low clamping voltage: VCL =9.5 V
IEC 61000-4-5 (surge); IPP =3.2 A
AEC-Q101 qualified
Computers and peripherals
Communication systems
Audio and video equipment
Portable electronics
Cellular handsets and accessories
Subscriber Identity Module (SIM) card
protection
Table 1.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3L5UK
-
-
3.3
V
PESD5V0L5UK
-
-
5.0
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3L5UK
-
20
24
pF
PESD5V0L5UK
-
18.5
22
pF


Similar Part No. - PESD5V0L5UK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0L5UK NEXPERIA-PESD5V0L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
More results

Similar Description - PESD5V0L5UK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL5UF NXP-PESDXL5UF Datasheet
105Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02-8 January 2008
logo
Nexperia B.V. All right...
PESDXL5UF NEXPERIA-PESDXL5UF Datasheet
655Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 02 - 8 January 2008
PESD3V3L5UK NEXPERIA-PESD3V3L5UK Datasheet
462Kb / 15P
   Low capacitance unidirectional fivefold ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXL5UF PHILIPS-PESDXL5UF Datasheet
112Kb / 17P
   Low capacitance unidirectional fivefold ESD protection diode capacitance unidirectional fivefold ESD protection diode
Rev. 02-8 January 2008
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com