Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD4118OWP Datasheet(PDF) 11 Page - Ericsson

Part # PMD4118OWP
Description  POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMD4118OWP Datasheet(HTML) 11 Page - Ericsson

Back Button PMD4118OWP Datasheet HTML 7Page - Ericsson PMD4118OWP Datasheet HTML 8Page - Ericsson PMD4118OWP Datasheet HTML 9Page - Ericsson PMD4118OWP Datasheet HTML 10Page - Ericsson PMD4118OWP Datasheet HTML 11Page - Ericsson PMD4118OWP Datasheet HTML 12Page - Ericsson PMD4118OWP Datasheet HTML 13Page - Ericsson PMD4118OWP Datasheet HTML 14Page - Ericsson PMD4118OWP Datasheet HTML 15Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Limited Internal
PRODUCT SPEC.
8 (31)
Prepared (also subject responsible if other)
No.
SEC/D KEVIN YAN
2/1301-BMR 652 4 Uen
Approved
Checked
Date
Rev
Reference
SEC/D Julia You
ESECZHW
2006-12-26
B
1.2 V/3 A Electrical Specification
PMD 4118O
Tref = -40 to +85ºC, VI = 3.0 to 5.5 V, Radj = 26.1 kΩ, unless otherwise specified under Conditions.
Typical values given at: Tref = +25°C, VI = 3.3/5.0 V, max IO , unless otherwise specified under Conditions.
Additional Cin= 47µF and Cout= 47µF. See Operating Information section for selection of capacitor types.
Connect the sense pin, where available, to the output pin.
Characteristics
Conditions
min
typ
max
Unit
VI
Input voltage range
3.0
5.5
V
VI = increasing
2.95
3
UVLO
Undervoltage lockout
VI = decreasing
2.7
2.8
V
CI
Internal input capacitance
22
µF
PO
Output power
0
3.6
W
50 % of max IO
84.2
VI = 3.3 V
max IO
77.4
50 % of max IO
84.1
η
Efficiency
VI = 5.0 V
max IO
79.0
%
VI = 3.3 V, max IO
1.1
Pd
Power Dissipation
VI = 5.0 V, max IO
1.0
W
IO = 0, VI = 3.3 V
75
Pli
Input idling power
IO = 0, VI = 5.0 V
120
mW
VI = 3.3 V (turned off with INHIBIT)
3.3
Pinh
Input standby power
VI = 5.0 V (turned off with INHIBIT)
5.0
mW
VI = 3.3 V, max IO
1.4
IS
Static Input current
VI = 5.0 V, max IO
0.9
A
fs
Switching frequency
0-100 % of max IO
700
kHz
VOi
Output voltage initial setting and
accuracy
Tref = +25°C, VI = 5.0 V, max IO
1.176
1.200
1.224
V
Output voltage tolerance band
10-100 % of max IO
1.164
1.236
V
IO = 0, VI = 3.3 V
1.206
Idling voltage
IO = 0, VI = 5.0 V
1.206
V
Line regulation
max IO
±1
mV
VO
Load regulation
VI = 3.3/5.0 V, 0-100 % of max IO
±5
mV
VI = 3.3 V, Load step 50-100-50 %
of max IO, di/dt = 1 A/µs,
see Note 1
±85
Vtr
Load transient
voltage deviation
VI = 5.0 V, Load step 50-100-50 %
of max IO, di/dt = 1 A/µs,
see Note 1
±60
mV
VI = 3.3 V, Load step 50-100-50 %
of max IO, di/dt = 1 A/µs,
see Note 1
120
ttr
Load transient recovery time
VI = 5.0 V, Load step 50-100-50 %
of max IO, di/dt = 1 A/µs,
see Note 1
110
µS
VI = 3.3 V, max IO
7.0
tr
Ramp-up time
(from 10−90 % of V
Oi)
VI = 5.0 V, max IO
6.7
ms
VI = 3.3 V, max IO
12.6
ts
Start-up time
(from V
I connection to 90 % of VOi)
VI = 5.0 V, max IO
12.5
ms
E
PMD 4000 series
POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
EN/LZT 146 350 R1D Dec 2006
© Ericsson Power Modules AB
Technical Specification
E
PMD 4000 series
POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
EN/LZT 146 350 R1E Jan 2009
© Ericsson Power Modules AB
Technical Specification
11


Similar Part No. - PMD4118OWP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD4001K PHILIPS-PMD4001K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4001K NXP-PMD4001K Datasheet
156Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4002K PHILIPS-PMD4002K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMD4002K NXP-PMD4002K Datasheet
150Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
PMD4003K PHILIPS-PMD4003K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
More results

Similar Description - PMD4118OWP

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PMF4218TS ERICSSON-PMF4218TS Datasheet
669Kb / 29P
   POL regulator, Input 2.95-3.65 V, Output 10 A/25 W
PMM8218TP ERICSSON-PMM8218TP Datasheet
1Mb / 34P
   POL regulator, Input 8-14 V, Output 50 A/275 W
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
logo
Texas Instruments
TPS51312 TI-TPS51312_15 Datasheet
958Kb / 21P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
TPS51312 TI-TPS51312 Datasheet
989Kb / 20P
[Old version datasheet]   3.1-V to 5.5-V Input, 3-A Output, Synchronous, Step-Down Regulator with Integrated FETs
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com