Electronic Components Datasheet Search |
|
FED40-48D24W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD |
|
FED40-48D24W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 4 page FED40W 3 www.PDUKE.com 2014/10/14 ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature -40 +85 Maximum case temperature +105 Over temperature protection +115 Storage temperature range -55 +125 Thermal impedance (1) Vertical direction by natural convection (20LFM) Without Heat-sink With Heat-sink 10.8 10.3 /W Thermal shock MIL-STD-810F Shock EN61373, MIL-STD-810F Vibration EN61373, MIL-STD-810F Relative humidity 5% to 95% RH EMC SPECIFICATIONS Parameter Conditions Level EMI (2) EN55011,EN55022 Class A ESD EN61000-4-2 Air ± 8kV and Contact ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 20 V/m Perf. Criteria A Fast transient (3) EN61000-4-4 ± 2kV Perf. Criteria A Surge (3) EN61000-4-5 ± 2kV Perf. Criteria A Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A Note: 1. Test by minimum input and constant resistive load. 2. The standard modules meets EMI Class A or Class B with external components. For further information, please contact with P-DUKE. 3. The external input components are required if the module has to meet EN61000-4-4, EN61000-4-5. The FED40-24 W recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ58A, 58V, 3000Watt peak pulse power) to connect in parallel. The FED40-48 W recommended an aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) and a TVS (SMDJ120A,120V, 3000Watt peak pulse power) to connect in parallel. The FED40-110 W recommended an aluminum electrolytic capacitor (Ruby-con BXF series, 68µF/200V 3pcs in parallel) and a TVS (SMDJ90A, 90V, 3000Watt peak pulse power 2pcs in series connection ) to connect in parallel CAUTION: This power module is not internally fused. An input line fuse must always be used. CHARACTERISTIC CURVE FED40-48S05W Derating Curve FED40-48S05W Derating Curve with Heat-sink FED40-48S05W Efficiency VS Input Voltage FED40-48S05W Efficiency VS Output Load |
Similar Part No. - FED40-48D24W |
|
Similar Description - FED40-48D24W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |