Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC240 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74AC240
Description  Octal Buffer/Line Driver with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC240 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74AC240 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC240 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HD74AC240/HD74ACT240
3
AC Characteristics: HD74AC240
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
6.0
8.0
1.0
9.0
ns
Data to output
5.0
1.0
4.5
6.5
1.0
7.0
Propagation delay
t
PHL
3.3
1.0
5.0
8.0
1.0
8.5
ns
Data to output
5.0
1.0
4.5
6.0
1.0
6.5
Output enable time
t
PZH
3.3
1.0
6.0
10.5
1.0
11.0
ns
5.0
1.0
5.0
7.0
1.0
8.0
Output enable time
t
PZL
3.3
1.0
7.0
10.0
1.0
11.0
ns
5.0
1.0
5.5
8.0
1.0
8.5
Output disable time
t
PHZ
3.3
1.0
7.0
10.0
1.0
10.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
Output disable time
t
PLZ
3.3
1.0
7.5
10.5
1.0
11.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
AC Characteristics: HD74ACT240
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
Data to output
t
PLH
5.0
1.0
6.0
8.5
1.0
9.5
ns
Propagation delay
Data to output
t
PHL
5.0
1.0
5.5
7.5
1.0
8.5
ns
Output enable time
t
PZH
5.0
1.0
7.0
8.5
1.0
9.5
ns
Output enable time
t
PZL
5.0
1.0
7.0
9.5
1.0
10.5
ns
Output disable time
t
PHZ
5.0
1.0
8.0
9.5
1.0
10.5
ns
Output disable time
t
PLZ
5.0
1.0
6.5
10.0
1.0
10.5
ns
Note:
1. Voltage Range 5.0 is 5.0 V
± 0.5 V


Similar Part No. - HD74AC240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC240 RENESAS-HD74AC240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC240FPEL RENESAS-HD74AC240FPEL Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC240P RENESAS-HD74AC240P Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC240RPEL RENESAS-HD74AC240RPEL Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC240TELL RENESAS-HD74AC240TELL Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
More results

Similar Description - HD74AC240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC240 RENESAS-HD74AC240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC244 HITACHI-HD74AC244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
HD74AC241 HITACHI-HD74AC241 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC244 RENESAS-HD74AC244 Datasheet
123Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Unisonic Technologies
U74HC244 UTC-U74HC244 Datasheet
193Kb / 5P
   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUT
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com