Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC05-24D15 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # FKC05-24D15
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC05-24D15 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  FKC05-24D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC05-24D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC05-24D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC05-24D15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FKC05
FKC05W
4
www.PDUKE.com
2014/04/30
CHARACTERISTIC CURVE
FKC05-48S05 Derating Curve
FKC05-48S05-M1 Derating Curve
FKC05-48S05 Efficiency vs. Input Voltage
FKC05-48S05 Efficiency vs. Output Load
MECHANICAL DRAWING
DIP type
PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
2
-Vin
-Vin
23
+Vin
+Vin
3
-Vin
-Vin
22
+Vin
+Vin
9
NC
Common
16
-Vout
Common
10
NC/*No Pin
15
NC/*No Pin
11
NC
-Vout
14
+Vout
+Vout
* There is no pin at Pin10 & Pin15 for FKC05-W DIP type.
SMD type
PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
2
-Vin
-Vin
23
+Vin
+Vin
3
-Vin
-Vin
22
+Vin
+Vin
9
NC
Common
16
-Vout
Common
10
NC
NC
15
NC
NC
11
NC
-Vout
14
+Vout
+Vout
Others
NC
NC
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)


Similar Part No. - FKC05-24D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FKC05-24D15 ETC-FKC05-24D15 Datasheet
292Kb / 2P
   5 WATT DC DC CONVERTER
logo
Astrodyne Corporation
FKC05-24D15 ASTRODYNE-FKC05-24D15 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-24D15 P-DUKE-FKC05-24D15 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FKC05-24D15 ASTRODYNE-FKC05-24D15 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05-24D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com