Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC05-48S15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # FKC05-48S15
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC05-48S15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  FKC05-48S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC05-48S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC05-48S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC05-48S15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FKC05
FKC05W
3
www.PDUKE.com
2014/04/30
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
DIP type
Input to Output
1600
Input (Output) to Case
1600
SMD type
Input to Output
1600
Input (Output) to Case
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
300
pF
Switching frequency
270
300
330
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94 V-0)
Weight
18g (0.62oz)
MTBF
MIL-HDBK-217F
5.831 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature(1)
Standard
M1 Version
M2 Version
With derating
Without derating
With derating
-25
-40
-40
+85
+85
+85
Maximum case temperature
Standard type
100
M2 Version
100
M1 Version
105
Storage temperature range
-55
+125
Thermal impedance
Natural convection
20
℃/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI(2)
EN55022
Class A
,Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (3)
EN61000-4-4
± 2kV
Perf. Criteria B
Surge (3)
EN61000-4-5
± 1kV
Perf. Criteria B
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
It’s higher efficiency for M1 version. Therefore, it can be operated in a more extensive temperature range than standard and M2 version.
2.
The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE.
3.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter Power Mate suggests: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - FKC05-48S15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05-48S15 ASTRODYNE-FKC05-48S15 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-48S15 P-DUKE-FKC05-48S15 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FKC05-48S15 ASTRODYNE-FKC05-48S15 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05-48S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com