Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDH400TR Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDH400TR
Description  High Voltage General Purpose Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH400TR Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDH400TR Datasheet HTML 1Page - Fairchild Semiconductor FDH400TR Datasheet HTML 2Page - Fairchild Semiconductor FDH400TR Datasheet HTML 3Page - Fairchild Semiconductor FDH400TR Datasheet HTML 4Page - Fairchild Semiconductor FDH400TR Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDH 400 / FDLL 400 Rev. 1.1.0
1
April 2013
FDH 400 / FDLL 400
High Voltage General Purpose Diode
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
These ratings are bansed on a maximum junction temperature of 200
°C.
These are steady state limits. The factory should be consulted on applications involving pulsed or low duty
cycle operations.
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
150
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 s
1.0
A
Pulse Width = 1.0
μs4.0
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Max.
Units
FDH / FDLL 400
PD
Power Dissipation
500
mW
Derate above 25°C
3.33
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
DO-35
FDLL400
BLACK
Cathode is denoted with a black band
-1st band denotes cathode terminal
and has wider width
SOD80
Cathode Band


Similar Part No. - FDH400TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH400 FAIRCHILD-FDH400 Datasheet
36Kb / 1P
   High Voltage General PurPose Diodes
FDH400 FAIRCHILD-FDH400 Datasheet
41Kb / 3P
   High Voltage General Purpose Diode
logo
New Jersey Semi-Conduct...
FDH400 NJSEMI-FDH400 Datasheet
133Kb / 1P
   D0-35
logo
Fairchild Semiconductor
FDH400 FAIRCHILD-FDH400_97 Datasheet
41Kb / 3P
   High Voltage General Purpose Diode
More results

Similar Description - FDH400TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
   General Purpose High Voltage Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
   HIGH VOLTAGE GENERAL PURPOSE DIODE
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
   High Voltage General Purpose Diode
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
   High Voltage, General Purpose Diode
FDH400 FAIRCHILD-FDH400_97 Datasheet
41Kb / 3P
   High Voltage General Purpose Diode
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102 Datasheet
26Kb / 3P
   High Voltage, General Purpose Diode
MMBD1401 FAIRCHILD-MMBD1401 Datasheet
39Kb / 5P
   High Voltage General Purpose Diode
BAV102 FAIRCHILD-BAV102_13 Datasheet
122Kb / 5P
   High Voltage, General Purpose Diode
BAS20 FAIRCHILD-BAS20_08 Datasheet
158Kb / 3P
   General Purpose High Voltage Diode
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
   High Voltage General Purpose Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com