Selected language     English  ▼


H-20XC-X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-20XC-X
Description  BI-LEVEL T-1 (3mm) LED HOLDER INTERLOCKING VARIABLE DIAMETER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Recommended Mounting Holes
0.100 [2.5mm]
Holder Faces
Ø.032
+.003
-.002
TYP.
Holder Pitch
LED Lead
0.320 [8.1mm]
0.185 [4.7mm]
0.100 [2.5mm]
0.023 [0.6mm] SQ.
0.300 [7.6mm]
0.100 [2.5mm]
TYP.
0.100 [2.5mm]
TYP.
0.380 [9.7mm]
H-202C
H-203C
H-200C
H-201C
0.180 [4.6mm]
Cathode I.D.
Mark
DIA
0.195 [5.0mm]
0.182 [4.6mm]
TYP.
0.120 [3.0mm]
0.100 [2.5mm]
H-203C SERIES
H-203C
H-203C-1
H-201C SERIES
H-201C
H-201C-1
H-200C
H-200C-1
H-200C SERIES
H-202C SERIES
H-202C-1
H-202C
PART NO.
DIA
.128 [3.3mm]
.150 [3.8mm]
STANDARD TOLERANCE
®
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
CAGE CODE : 32559
PART NO:
TITLE:
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
BI-LEVEL T-1 (3mm) LED HOLDER
DECIMALS
.X
± .1
.XX
± .01
.XXX
± .005
David Green
M. Chen
( UNLESS OTHERWISE SPECIFIED )
DESIGNED:
CHECKED:
ANGULAR
DATE:
DATE:
± 1°
03/13/03
03/13/03
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
SHEET #
OF
H-20XC-X
REVISION:
1
1
B
Engineering Update w/o Changes
B
REV.
DESCRIPTION
02/27/04
DATE
M. C.
APPROVED
RTP POLYAMIDE NYLON 6/6, 0200 FR, BLACK OR MODIFIED PLASTICS MN6/6-SE BK.
2. MATERIAL: NYLON 6/6, 94V-0, BLACK. BIVAR MATERIAL CODE 22-BK.
0.285 [7.2mm]
INTERLOCKING VARIABLE DIAMETER




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl