Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF2405XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # QF2405XT
Description  0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QF2405XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  QF2405XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd QF2405XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd QF2405XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Q
QF-XT
F-XT
Q
QE-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%.Typ.)
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max.
QF0503XT
5
4.5-5.5
3.3
65
81
QF0505XT
5
4.5-5.5
5
50
83
QF0512XT
5
4.5-5.5
12
21
74
QF0515XT
5
4.5-5.5
15
16.75
76
QE0505XT
5
4.5-5.5
±5
±25
81
QE0512XT
5
4.5-5.5
±12
±13
85
QE0515XT
5
4.5-5.5
±15
±8.5
83
QF1203XT
12
10.8-13.2
3.3
65
86
QF1205XT
12
10.8-13.2
5
50
85
QF1212XT
12
10.8-13.2
12
21
74
QF1215XT
12
10.8-13.2
15
16.75
78
QE1205XT
12
10.8-13.2
±5
±25
80
QE1212XT
12
10.8-13.2
±12
±13
80
QE1215XT
12
10.8-13.2
±15
±8.5
85
QF2403XT*
24
21.6-26.4
3.3
65
81
QF2405XT *
24
21.6-26.4
5
50
85
QF2412XT *
24
21.6-26.4
12
21
83
QF2415XT*
24
21.6-26.4
15
16.75
86
QE2405XT *
24
21.6-26.4
±5
±25
85
QE2412XT *
24
21.6-26.4
±12
±13
74
QE2415XT*
24
21.6-26.4
±15
±8.5
78
* Desining ...
Case material:non-conductive plastic(UL 91V-0 rated)
Weight: 2.0g (0.07oz)
MODEL
MODEL SELECTION
SELECTION
F(E)
F(E)
05
05
05
05
X
X
T
T
Product Series
Input Voltage
Output Voltage
Fixed Input
SMD Package
MICRODC R ESERVES THE COPYRIGHT
0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
Fixed Input Range
Short Circuit Protection(automatic recovery)
I/O isolation voltage 3000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 80%
High accuracy of pin co-planarity
Small SMD package with footprint
Available in tape and reel package
Single and dual output models
Excellent load and line regulation
APPLICATIONS
APPLICATIONS
The QF(E)-XT series are miniature,0.25W DC/DC
converters with high isolation in a SMD package.With a
new package design these converters are qualified for the
higher temperatures requested by lead-free reflow solder
processes.With the small footprint,these converters are the
ideal solution for board level power distribution,mainly for
applications in the industrial and telecom field. For
automated SMD production lines the devices can be
supplied in standard tape and reel package.
Input
Input Specifications
Specifications
Parameter
Conditions
Max.
Input current at full load
5 Vin models:
7.5mA/65mA typ.
12Vin models:
3.75mA/27.5mA typ.
24Vin models:
2mA/13.75mA typ.
Surge voltage
(1sec. max.)
5 Vin models:
2.25V max.
12 Vin models:
4.5V max.
24 Vin models:
7.5V max.
Reverse voltage protection
0.075A max.
Input filter
internal capacitor


Similar Part No. - QF2405XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF2405XM MICRODC-QF2405XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
QF2405XMS MICRODC-QF2405XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - QF2405XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QA-XT MICRODC-QA-XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
QA-XS MICRODC-QA-XS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
A-XS-W25 MICRODC-A-XS-W25 Datasheet
673Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XM MICRODC-QF-XM Datasheet
407Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QS4E GAPTEC-QS4E Datasheet
846Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com