Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT241 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74ACT241
Description  Octal Buffer/Line Driver with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT241 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HD74ACT241 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT241 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-20DA
0.07 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
110
20
11
6.50
6.80 Max
*0.22
+0.08
–0.07
1.0
0.65 Max
0.20
± 0.06


Similar Part No. - HD74ACT241

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT240 HITACHI-HD74ACT240 Datasheet
55Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74ACT240 RENESAS-HD74ACT240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74ACT244 HITACHI-HD74ACT244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74ACT244 RENESAS-HD74ACT244 Datasheet
123Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74ACT245 HITACHI-HD74ACT245 Datasheet
59Kb / 9P
   Octal Bidirectional Transceiver with 3-State Input/Output
More results

Similar Description - HD74ACT241

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC240 HITACHI-HD74AC240 Datasheet
55Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC240 RENESAS-HD74AC240 Datasheet
124Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC244 HITACHI-HD74AC244 Datasheet
54Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC244 RENESAS-HD74AC244 Datasheet
123Kb / 9P
   Octal Buffer/Line Driver with 3-State Output
logo
Unisonic Technologies
U74HC244 UTC-U74HC244 Datasheet
193Kb / 5P
   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUT
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com