Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC05-48D15W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC05-48D15W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC05-48D15W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC05-48D15W Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC05-48D15W Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC05-48D15W Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC05-48D15W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/04/30
FKC05
FKC05W
SERIES
DC-DC CONVERTER
4:1 AND 2:1 WIDE INPUT RANGE
UP TO 5 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH 24 PIN DIP AND SMD PACKAGE
UL60950-1, EN60950-1 , & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
FKC05-12S33
9 ~ 18
3.3
1000
10
76
2200
FKC05-12S05
9 ~ 18
5
1000
10
78
1000
FKC05-12S12
9 ~ 18
12
470
10
82
220
FKC05-12S15
9 ~ 18
15
400
10
81
150
FKC05-12D05
9 ~ 18
±5
±500
15
78
±680
FKC05-12D12
9 ~ 18
±12
±230
20
81
±100
FKC05-12D15
9 ~ 18
±15
±190
15
84
±68
FKC05-24S33
18 ~ 36
3.3
1000
10
75
2200
FKC05-24S05
18 ~ 36
5
1000
15
77
1000
FKC05-24S12
18 ~ 36
12
470
15
81
220
FKC05-24S15
18 ~ 36
15
400
15
81
150
FKC05-24D05
18 ~ 36
±5
±500
15
80
±680
FKC05-24D12
18 ~ 36
±12
±230
20
84
±100
FKC05-24D15
18 ~ 36
±15
±190
20
81
±68
FKC05-48S33
36 ~ 75
3.3
1000
10
74
2200
FKC05-48S05
36 ~ 75
5
1000
10
77
1000
FKC05-48S12
36 ~ 75
12
470
10
82
220
FKC05-48S15
36 ~ 75
15
400
10
81
150
FKC05-48D05
36 ~ 75
±5
±500
10
78
±680
FKC05-48D12
36 ~ 75
±12
±230
5
82
±100
FKC05-48D15
36 ~ 75
±15
±190
10
83
±68
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
FKC05-24S33W
9 ~ 36
3.3
1000
10
76
2200
FKC05-24S05W
9 ~ 36
5
1000
15
79
1000
FKC05-24S12W
9 ~ 36
12
470
15
81
220
FKC05-24S15W
9 ~ 36
15
400
15
84
150
FKC05-24D05W
9 ~ 36
±5
±500
15
78
±680
FKC05-24D12W
9 ~ 36
±12
±230
20
82
±100
FKC05-24D15W
9 ~ 36
±15
±190
20
84
±68
FKC05-48S33W
18 ~ 75
3.3
1000
10
73
2200
FKC05-48S05W
18 ~ 75
5
1000
10
79
1000
FKC05-48S12W
18 ~ 75
12
470
10
80
220
FKC05-48S15W
18 ~ 75
15
400
10
82
150
FKC05-48D05W
18 ~ 75
±5
±500
10
76
±680
FKC05-48D12W
18 ~ 75
±12
±230
5
80
±100
FKC05-48D15W
18 ~ 75
±15
±190
10
80
±68


Similar Part No. - FKC05-48D15W

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FKC05-48D15 ASTRODYNE-FKC05-48D15 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FKC05-48D15 P-DUKE-FKC05-48D15 Datasheet
234Kb / 3P
   5 WATTS OUTPUT POWER
logo
Astrodyne Corporation
FKC05-48D15 ASTRODYNE-FKC05-48D15 Datasheet
149Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
More results

Similar Description - FKC05-48D15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com