Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC245 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74AC245
Description  Octal Bidirectional Transceiver with 3-State Input/Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC245 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74AC245 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC245 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74AC245/HD74ACT245
Octal Bidirectional Transceiver with 3-State Input/Output
Description
The HD74AC245/HD74ACT245 contains eight non-inverting bidirectional buffers with 3-state outputs and
is intended for bus-oriented applications. Current sinking capability is 24 mA at both the A and B ports.
The Transmit/Receive (T/
R) input determines the direction of data flow through the bidirectional
transceiver. Transmit (active-High) enables data from A ports to B ports; Receive (active-Low) enables
data from B ports to A ports. The Output Enable input, when High, disables, both A and B ports by placing
them in a High Z condition.
Features
• Noninverting Buffers
• Bidirectional Data Path
• A and B Outputs Source/Sink 24 mA
• HD74ACT245 has TTL-Compatible Inputs
Pin Names
OE
Output Enable Input
T/
R
Transmit/Receive Input
A
0 to A7
Side A 3-State Inputs or 3-State Outputs
B
0 to B7
Side B 3-State Inputs or 3-State Outputs


Similar Part No. - HD74AC245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
HD74AC245FPEL RENESAS-HD74AC245FPEL Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
HD74AC245P RENESAS-HD74AC245P Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
HD74AC245RPEL RENESAS-HD74AC245RPEL Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
HD74AC245TELL RENESAS-HD74AC245TELL Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
More results

Similar Description - HD74AC245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com