Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP4081AIBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP4081AIBZ
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081AIBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP4081AIBZ Datasheet HTML 5Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 6Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 7Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 8Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 9Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 10Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 11Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 12Page - Intersil Corporation HIP4081AIBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HIP4081A
Typical Performance Curves V
DD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K
and TA = 25°C, Unless Otherwise Specified
FIGURE 10. AHB - AHS, BHB - BHS NO-LOAD CHARGE PUMP
VOLTAGE vs TEMPERATURE
FIGURE 11. UPPER DISABLE TURN-OFF PROPAGATION
DELAY TDISHIGH vs TEMPERATURE
FIGURE 12. DISABLE TO UPPER ENABLE, TUEN,
PROPAGATION DELAY vs TEMPERATURE
FIGURE 13. LOWER DISABLE TURN-OFF PROPAGATION
DELAY TDISLOW vs TEMPERATURE
FIGURE 14. TREF-PW REFRESH PULSE WIDTH vs
TEMPERATURE
FIGURE 15. DISABLE TO LOWER ENABLE TDLPLH
PROPAGATION DELAY vs TEMPERATURE
-40
-20
0
20
40
60
80
100
120
10.0
11.0
12.0
13.0
14.0
15.0
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
425
450
475
500
525
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
350
375
400
425
450
-50
-25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
HIP4081A


Similar Part No. - HIP4081AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4081AIBZ INTERSIL-HIP4081AIBZ Datasheet
720Kb / 16P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIBZ INTERSIL-HIP4081AIBZ Datasheet
482Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
logo
Renesas Technology Corp
HIP4081AIBZ RENESAS-HIP4081AIBZ Datasheet
862Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results

Similar Description - HIP4081AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4081AIP INTERSIL-HIP4081AIP Datasheet
482Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com