Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38700-6126 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 38700-6126
Description  8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 26 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

38700-6126 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  38700-6126 Datasheet HTML 1Page - Molex Electronics Ltd. 38700-6126 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38700-6126
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
8.26mm Pitch Beau™ PCB Terminal Strip, with Mounting Ends, 26 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38700
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
822348212880
Physical
Circuits (Loaded)
26
Circuits (maximum)
26
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.56mm
PCB Retention
Yes
Panel Mount
No
Pitch - Mating Interface
8.26mm
Pitch - Termination Interface
8.26mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Through Hole
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
70526
Reference - Drawing Numbers
Sales Drawing
SD-38700-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38700Series
Mates With
N/A


Similar Part No. - 38700-6126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38700-6120 MOLEX11-38700-6120 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 20 Circuits
38700-6122 MOLEX11-38700-6122 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 22 Circuits
38700-6124 MOLEX11-38700-6124 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 24 Circuits
38700-6125 MOLEX11-38700-6125 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends, 25 Circuits
More results

Similar Description - 38700-6126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0387006126 MOLEX5-0387006126 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 26 Circuits
38700-7526 MOLEX11-38700-7526 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 26 Circuits
38700-6330 MOLEX11-38700-6330 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 26 Circuits
38700-6326 MOLEX11-38700-6326 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 26 Circuits
0387006326 MOLEX5-0387006326 Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 26 Circuits
0387007526 MOLEX5-0387007526 Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 26 Circuits
38700-7317 MOLEX11-38700-7317 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7302 MOLEX11-38700-7302 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7322 MOLEX11-38700-7322 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7316 MOLEX11-38700-7316 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com