Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70504-C Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70504-C
Description  8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

70504-C Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70504-C Datasheet HTML 1Page - Molex Electronics Ltd. 70504-C Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38700-6304
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
8.26mm Pitch Beau™ PCB Terminal Strip, without Mounting Ends, 4 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38700
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756313528
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.56mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface
8.26mm
Pitch - Termination Interface
8.26mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Through Hole
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
70504-C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38700Series
Mates With
N/A


Similar Part No. - 70504-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70504-C MOLEX5-70504-C Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 4 Circuits
70504-C-50 MOLEX5-70504-C-50 Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 4 Circuits
70504-C-50 MOLEX11-70504-C-50 Datasheet
41Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
More results

Similar Description - 70504-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38706-8010 MOLEX11-38706-8010 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8024 MOLEX11-38706-8024 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
0387007504 MOLEX5-0387007504 Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 4 Circuits
38710-4702 MOLEX11-38710-4702 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8008 MOLEX11-38706-8008 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8016 MOLEX11-38706-8016 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8004 MOLEX11-38706-8004 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8020 MOLEX11-38706-8020 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8006 MOLEX11-38706-8006 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
38706-8012 MOLEX11-38706-8012 Datasheet
42Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, without Mounting Ends
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com